Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41042A4337M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41042A4337M000
Description  Aluminum electrolytic capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41042A4337M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41042A4337M000 Datasheet HTML 5Page - EPCOS B41042A4337M000 Datasheet HTML 6Page - EPCOS B41042A4337M000 Datasheet HTML 7Page - EPCOS B41042A4337M000 Datasheet HTML 8Page - EPCOS B41042A4337M000 Datasheet HTML 9Page - EPCOS B41042A4337M000 Datasheet HTML 10Page - EPCOS B41042A4337M000 Datasheet HTML 11Page - EPCOS B41042A4337M000 Datasheet HTML 12Page - EPCOS B41042A4337M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Single-ended capacitors
B41042
Low impedance – 105
°C
9
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
10
68
5
× 11
1.600
152
B41042A3686M***
82
5
× 11
1.400
176
B41042A3826M***
100
6.3
× 11
1.200
211
B41042A3107M***
120
6.3
× 11
1.000
236
B41042A3127M***
150
6.3
× 11
0.820
268
B41042A3157M***
180
6.3
× 11
0.680
291
B41042A3187M***
220
6.3
× 15
0.580
372
B41042A3227M***
270
6.3
× 15
0.520
405
B41042A3277M***
330
8
× 11.5
0.470
463
B41042A3337M***
390
10
× 12.5
0.430
552
B41042A3397M***
470
10
× 12.5
0.390
596
B41042A3477M***
560
10
× 16
0.330
733
B41042A3567M***
680
10
× 16
0.280
798
B41042A3687M***
820
10
× 20
0.230
987
B41042A3827M***
1000
10
× 20
0.180
1061
B41042A3108M***
1200
10
× 25
0.160
1282
B41042A3128M***
1500
10
× 31.5
0.120
1443
B41042A3158M***
1800
12.5
× 20
0.100
1472
B41042A3188M***
2200
12.5
× 25
0.090
1715
B41042A3228M***
2700
12.5
× 31.5
0.080
1941
B41042A3278M***
3300
12.5
× 35.5
0.068
2184
B41042A3338M***
3900
12.5
× 40
0.063
2362
B41042A3398M***
4700
16
× 31.5
0.056
2422
B41042A3478M***
5600
16
× 35.5
0.050
2613
B41042A3568M***
6800
16
× 35.5
0.045
2682
B41042A3688M***
8200
16
× 40
0.041
2812
B41042A3828M***
10000
18
× 40
0.360
3045
B41042A3109M***


Similar Part No. - B41042A4337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41042A4337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com