Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT1-2.1-4L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # CMT1-2.1-4L
Description  Common Mode Line Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CMT1-2.1-4L Datasheet(HTML) 2 Page - Coilcraft lnc.

  CMT1-2.1-4L Datasheet HTML 1Page - Coilcraft lnc. CMT1-2.1-4L Datasheet HTML 2Page - Coilcraft lnc. CMT1-2.1-4L Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Coilcraft, Inc. 2009
Common Mode Line Chokes – CMT Series
Specifications subject to change without notice.
Please check our website for latest information.
Document 326-2
Document 326-2
Revised 08/20/08
W max
23
1
L max
2
0.120/0.180
3,05/4,57
0.118
3,00
H max
1
Recommended
Board Layout
2
3
X
Y
4
Schematic
1
2
3
4
CMT-X-X.X-XL
CCI XXXX
CC–3 X
CMT-2 Series
Leakage
Lead
PC board
Part
L min1
Irms
inductance2 DCR max
H
L
W
X
Y
diameter
hole
number
(mH)
(A)
max (µH)
(Ohms)
max
max
max
±0.01/0,25 ±0.01/0,25
nom
diameter
CMT2-7.5-1L
7.5
1.0
90
0.270
1.100/27,9 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-13-1L
13.0
1.0
190
0.415
1.300/33,0 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-3.8-2L
3.8
2.0
48
0.106
1.100/27,9 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-6.5-2L
6.5
2.0
98
0.145
1.300/33,0 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-1.9-4L
1.9
4.0
26
0.038
1.100/27,9 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-3.3-4L
3.3
4.0
45
0.055
1.300/33,0 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-1.5-6L
1.5
6.0
21
0.029
1.100/27,9 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-2.6-6L
2.6
6.0
41
0.040
1.400/35,6 1.400/35,6
0.900/22,9
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-.9-9L
0.9
9.0
17
0.014
1.200/30,5 1.310/33,3
0.825/21,0
0.90/22,9
0.60/15,2
0.042/1,07
0.071/1,80
CMT2-1.5-9L
1.5
9.0
15
0.013
1.250/31,8 1.250/31,8
0.825/21,0
0.90/22,9
0.60/15,2
0.042/1,07
0.071/1,80
CMT2-.7-12L
0.7
12.0
14
0.011
1.200/30,5 1.250/31,8
0.825/21,0
0.90/22,9
0.60/15,2
0.048/1,22
0.081/2,06
CMT2-1.2-12L
1.2
12.0
14
0.011
1.200/30,5 1.250/31,8
0.825/21,0
0.90/22,9
0.60/15,2
0.048/1,22
0.081/2,06
CMT2-.5-15L
0.5
15.0
8.7
0.007
1.300/33.0 1.300/33,0
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
CMT2-.8-15L
0.8
15.0
10
0.007
1.200/30,5 1.250/31,8
0.825/21,0
0.90/22,9
0.60/15,2
0.054/1,37
0.091/2,32
1. Inductance is per winding, tested at 15.75 kHz, 0 Adc.
2. Leakage inductance is measured from pin 1 to pin 4 with pins 2 and 3 shorted.
3. Operating temperature range –40°C to +85°C.
4. Electrical specifications at 25°C..
CMT-3 Series
Leakage
Lead
PC board
Part
L min1
Irms
inductance2 DCR max
H
L
W
X
Y
diameter
hole
number
(mH)
(A)
max (µH)
(Ohms)
max
max
max
±0.01/0,25 ±0.01/0,25
nom
diameter
CMT3-32-1L
32.0
1.0
485
0.650
1.400/35,6 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-56-1L
56.0
1.0
780
0.900
1.650/41,9 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-16-2L
16.0
2.0
210
0.240
1.400/35,6 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-28-2L
28.0
2.0
410
0.330
1.650/41,9 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-8-4L
8.0
4.0
57.5
0.061
1.350/34,3 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-14-4L
14.0
4.0
180
0.120
1.700/43,2 1.650/41,9
0.950/24,1
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-6.6-6L
6.6
6.0
49
0.048
1.400/35,6 1.600/40,6
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-11.5-6L
11.5
6.0
140
0.088
1.700/43,2 1.650/41,9
0.925/23,5
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-4-9L
4.0
9.0
37
0.026
1.400/35,6 1.450/36,8
0.925/23,5
1.20/30,5
0.70/17,8
0.042/1,07
0.071/1,80
CMT3-7-9L
7.0
9.0
104
0.045
1.760/44,7 1.760/44,7
0.975/24,8
1.20/30,5
0.70/17,8
0.042/1,07
0.071/1,80
CMT3-3-12L
3.0
12.0
40
0.022
1.700/43,2 1.700/43,2
0.950/24,1
1.20/30,5
0.70/17,8
0.048/1,22
0.081/2,06
CMT3-5.2-12L
5.2
12.0
47
0.025
1.700/43,2 1.700/43,2
1.000/25,4
1.20/30,5
0.70/17,8
0.048/1,22
0.081/2,06
CMT3-2.5-15L
2.5
15.0
42
0.019
1.750/44,5 1.750/44,5
1.000/25,4
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
CMT3-4.4-15L
4.4
15.0
48
0.017
1.700/43,2 1.700/43,2
1.000/25,4
1.20/30,5
0.70/17,8
0.054/1,37
0.091/2,32
1. Inductance is per winding, tested at 15.75 kHz, 0 Adc.
2. Leakage inductance is measured from pin 1 to pin 4 with pins 2 and 3 shorted.
3. Operating temperature range –40°C to +85°C.
4. Electrical specifications at 25°C.
Weights:
CMT1: 13.3 – 25.5 g;
CMT2: 20.7– 41.7 g;
CMT3: 42.5 – 74.9 g;
CMT4: 115 – 117 g
Terminations: Tin-silver over copper


Similar Part No. - CMT1-2.1-4L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-2.1-4L COILCRAFT-CMT1-2.1-4L Datasheet
125Kb / 5P
   Common Mode Line Chokes
More results

Similar Description - CMT1-2.1-4L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com