Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41124A5227M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41124A5227M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41124A5227M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41124A5227M000 Datasheet HTML 6Page - EPCOS B41124A5227M000 Datasheet HTML 7Page - EPCOS B41124A5227M000 Datasheet HTML 8Page - EPCOS B41124A5227M000 Datasheet HTML 9Page - EPCOS B41124A5227M000 Datasheet HTML 10Page - EPCOS B41124A5227M000 Datasheet HTML 11Page - EPCOS B41124A5227M000 Datasheet HTML 12Page - EPCOS B41124A5227M000 Datasheet HTML 13Page - EPCOS B41124A5227M000 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SMD capacitors
B41124
Taping and packing
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
SMD capacitors
B41124
Taping and packing
Taping of SMD capacitors
Taping and packing
Case dimensions
d
× l (mm)
4
× 5.4
4
× 5.8
5
× 5.4
5
× 5.8
6.3
× 5.4
W
12.0
12.0
12.0
12.0
16.0
P
8.0
8.0
12.0
12.0
12.0
F
5.5
5.5
5.5
5.5
7.5
A0
5.0
5.0
6.0
6.0
7.0
B0
5.0
5.0
6.0
6.0
7.0
T2
5.8
6.3
5.8
6.3
5.8
Case dimensions
d
× l (mm)
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 10
W
16.0
16.0
16.0
24.0
24.0
P
12.0
12.0
12.0
16.0
16.0
F
7.5
7.5
7.5
11.5
11.5
A0
7.0
7.0
8.7
8.7
10.7
B0
7.0
7.0
8.7
8.7
10.7
T2
6.3
8.2
6.8
11.0
11.0
KAL1108-R
2±0.1
4±0.1
A0
ø1.5 0
+0.1
_
_
+
Polarized
_
+
_
+
_
+
P±0.1
±0.2
±0.2
2
0.4
Unreel direction
2
T


Similar Part No. - B41124A5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121 EPCOS-B41121 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1107M000 EPCOS-B41121A1107M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1108M000 EPCOS-B41121A1108M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1157M000 EPCOS-B41121A1157M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1227M000 EPCOS-B41121A1227M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41124A5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com