Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41123B7336M000 Datasheet(PDF) 6 Page - EPCOS

Part # B41123B7336M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41123B7336M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B41123B7336M000 Datasheet HTML 2Page - EPCOS B41123B7336M000 Datasheet HTML 3Page - EPCOS B41123B7336M000 Datasheet HTML 4Page - EPCOS B41123B7336M000 Datasheet HTML 5Page - EPCOS B41123B7336M000 Datasheet HTML 6Page - EPCOS B41123B7336M000 Datasheet HTML 7Page - EPCOS B41123B7336M000 Datasheet HTML 8Page - EPCOS B41123B7336M000 Datasheet HTML 9Page - EPCOS B41123B7336M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Technical data and ordering codes
VR
V DC
CR
120 Hz, 20
°C
µF
Case dimensions
d
× l
mm
tan
δ
max
120 Hz, 20
°C
IAC,R
120 Hz, 105
°C
mA
Ordering code
6.3
22
4
× 5.8
0.30
22
B41123A2226M000
33
5
× 5.8
0.30
31
B41123A2336M000
47
5
× 5.8
0.30
37
B41123A2476M000
47
6.3
× 5.8
0.30
42
B41123B2476M000
100
6.3
× 5.8
0.30
62
B41123A2107M000
150
6.3
× 5.8
0.30
86
B41123A2157M000
220
6.3
× 7.7
0.30
96
B41123A2227M000
220
8
× 6.2
0.30
102
B41123B2227M000
330
6.3
× 7.7
0.30
105
B41123A2337M000
470
8
× 10
0.30
210
B41123A2477M000
680
8
× 10
0.30
210
B41123A2687M000
1000
10
× 10
0.30
230
B41123A2108M000
1500
10
× 10
0.30
310
B41123A2158M000
10
22
5
× 5.8
0.24
27
B41123A3226M000
33
5
× 5.8
0.24
36
B41123A3336M000
47
6.3
× 5.8
0.24
47
B41123A3476M000
100
6.3
× 5.8
0.24
62
B41123A3107M000
150
6.3
× 5.8
0.24
86
B41123A3157M000
220
6.3
× 7.7
0.24
105
B41123A3227M000
330
8
× 10
0.24
195
B41123A3337M000
470
8
× 10
0.24
210
B41123A3477M000
680
10
× 10
0.24
310
B41123A3687M000
1000
10
× 10
0.24
310
B41123A3108M000
16
10
4
× 5.8
0.20
18
B41123A4106M000
22
5
× 5.8
0.20
31
B41123A4226M000
33
6.3
× 5.8
0.20
41
B41123A4336M000
47
6.3
× 5.8
0.20
51
B41123A4476M000
100
6.3
× 5.8
0.20
62
B41123A4107M000
150
6.3
× 7.7
0.20
95
B41123A4157M000
220
6.3
× 7.7
0.20
105
B41123A4227M000
220
8
× 10
0.20
134
B41123B4227M000
330
8
× 10
0.20
195
B41123A4337M000
470
8
× 10
0.20
210
B41123A4477M000
680
10
× 10
0.20
310
B41123A4687M000
B41123
Standard series
105
°C
Page 6 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41123B7336M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121 EPCOS-B41121 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1107M000 EPCOS-B41121A1107M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1108M000 EPCOS-B41121A1108M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1157M000 EPCOS-B41121A1157M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1227M000 EPCOS-B41121A1227M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41123B7336M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com