Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41123A5337M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41123A5337M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41123A5337M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41123A5337M000 Datasheet HTML 5Page - EPCOS B41123A5337M000 Datasheet HTML 6Page - EPCOS B41123A5337M000 Datasheet HTML 7Page - EPCOS B41123A5337M000 Datasheet HTML 8Page - EPCOS B41123A5337M000 Datasheet HTML 9Page - EPCOS B41123A5337M000 Datasheet HTML 10Page - EPCOS B41123A5337M000 Datasheet HTML 11Page - EPCOS B41123A5337M000 Datasheet HTML 12Page - EPCOS B41123A5337M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Mounting instructions
Soldering
Recommended conditions for series B41115, B41123 and B41145
For reflow, use thermal conduction systems such as infrared radiation (IR) or hot blast. Vapor
heat transfer systems (VPS) are not recommended.
Observe proper soldering conditions (temperature, time, etc.).
Do not exceed the specified limits.
Temperature measuring method: Measure temperature in assuming quantitative production, by
sticking the thermo-couple to the capacitor upper part with epoxy adhesives.
Consult us for additional reflow restrictions.
d (mm)
4 ... 6.3
8 ... 10
Peak temperature
260
°C (255 °C)
245
°C
Time in peak temperature
5 s in 250
°C or more
(10 s in 250
°C or more)
10 s in 240
°C or more
Time in 230
°C or more
30 s
30 s
Time in 200
°C or more
70 s
70 s
Time of reflow
2 times
2 times
B41123
Standard series
105
°C
Page 9 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41123A5337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121 EPCOS-B41121 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1107M000 EPCOS-B41121A1107M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1108M000 EPCOS-B41121A1108M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1157M000 EPCOS-B41121A1157M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1227M000 EPCOS-B41121A1227M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41123A5337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com