Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41043A4158M000 Datasheet(PDF) 3 Page - EPCOS

Part # B41043A4158M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41043A4158M000 Datasheet(HTML) 3 Page - EPCOS

  B41043A4158M000 Datasheet HTML 1Page - EPCOS B41043A4158M000 Datasheet HTML 2Page - EPCOS B41043A4158M000 Datasheet HTML 3Page - EPCOS B41043A4158M000 Datasheet HTML 4Page - EPCOS B41043A4158M000 Datasheet HTML 5Page - EPCOS B41043A4158M000 Datasheet HTML 6Page - EPCOS B41043A4158M000 Datasheet HTML 7Page - EPCOS B41043A4158M000 Datasheet HTML 8Page - EPCOS B41043A4158M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Single-ended capacitors
B41043
Very low impedance – 105
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 ... 50 V DC
Operating temp. range
–55
°C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.47 … 15000
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
2000 h for d = 5 ... 6.3 mm
3000 h for d = 8 mm
5000 h for d
≥ 10 mm
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Dissipation factor (max.)
(20
°C, 120 Hz)
VR (V DC)
6.3
10
16
25
35
50
tan
δ
0.22
0.19
0.16
0.14
0.12
0.10
For capacitance higher than 1000
µF add 0.02 for every increase of
1000
µF.
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
10
16
25
35
50
44
3
3
3
2
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier for
rated ripple current
50 Hz
120 Hz
500 Hz
1 kHz
10 kHz
100 kHz
0.47 … 27
µF 0.40
0.55
0.65
0.80
0.90
1.00
33 … 330
µF 0.60
0.70
0.80
0.90
0.95
1.00
390 … 1000
µF 0.65
0.80
0.85
0.98
1.00
1.00
1200
µF
0.80
0.90
0.95
0.98
1.00
1.00
Temperature multiplier
for rated ripple current
+70
°C
+85
°C
+105
°C
1.96
1.68
1.00
Ileak 0.03 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ or 4 µA, wichever is greater
Z55 °C
()
Z+20 °C
()
---------------------------


Similar Part No. - B41043A4158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41043A4158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com