Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380DM5LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 380DM5LP11000
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

380DM5LP11000 Datasheet(HTML) 1 Page - ETRI

  380DM5LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
380DL5LP11000
5
2,6
22
5000
0,5
(4,5-5,5)
X
-10
70
380DH2LP11000
24
4,0
28,5
7600
1,4
(14-27,6)
X
-10
70
380DS5LP11000
5
4,5
30,5
8200
1,5
(4,5-5,5)
X
-10
70
380DS1LP11000
12
4,5
30,5
8200
1,2
(7-13,8)
X
-10
70
380DS2LP11000
24
4,5
30,5
8200
1,7
(14-27,6)
X
-10
70
380DX5LP11000
5
4,8
32,5
9000
1,6
(4,5-5,5)
X
-10
70
380DX1LP11000
12
4,8
32,5
9000
1,4
(7-13,8)
X
-10
70
380DX2LP11000
24
4,8
32,5
9000
2,2
(14-27,6)
X
-10
70
2,6
22
5000
0,6
(7-13,8)
X
-10
70
2,6
22
5000
1,0
(14-27,6)
X
-10
70
3,4
24
6300
0,8
(7-13,2)
X
-10
70
3,4
24
6300
0,7
(7-13,8)
X
-10
70
3,4
24
6300
1,2
(14-27,6)
X
-10
70
5
4,0
28,5
7600
1,3
(4,5-5,5)
X
-10
70
4,0
28,5
7600
1,0
(7-13,8)
X
-10
70
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
380DL1LP11000
12
380DL2LP11000
24
380DM5LP11000
5
380DM1LP11000
12
380DM2LP11000
24
380DH5LP11000
380DH1LP11000
12
Connection type
380DM
380DL
380DH
380DS
380DX
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
Accessories:
Refer to Accessories leaflet
DC Axial Fans
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 28 g (33 g on some models)
Bearing system: ball bearings
Available with:
- Speed sensor
- Open collector alarm
- IP54 / IP55
40x40x20mm
1,575’’ x 1
x 0,787’’
,575’’
380D
Series


Similar Part No. - 380DM5LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
380DM5LP11000 ETRI-380DM5LP11000 Datasheet
191Kb / 1P
   DC Axial Fans
More results

Similar Description - 380DM5LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com