Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32329C1506J017 Datasheet(PDF) 2 Page - EPCOS

Part # B32329C1506J017
Description  Film capacitors - AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32329C1506J017 Datasheet(HTML) 2 Page - EPCOS

  B32329C1506J017 Datasheet HTML 1Page - EPCOS B32329C1506J017 Datasheet HTML 2Page - EPCOS B32329C1506J017 Datasheet HTML 3Page - EPCOS B32329C1506J017 Datasheet HTML 4Page - EPCOS B32329C1506J017 Datasheet HTML 5Page - EPCOS B32329C1506J017 Datasheet HTML 6Page - EPCOS B32329C1506J017 Datasheet HTML 7Page - EPCOS B32329C1506J017 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film capacitors – AC capacitors
Motor Run Capacitors
B32329 – MotorCap™
Construction
Dielectric: polypropylene film
Plastic can and top UL 94 V2 material
Dry type
Features
Self-healing properties
Low dissipation factor
P0 safety class to IEC 60252-1 2001-02
High insulation resistance
UL 810 construction – only approved E183224
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
Tinned copper wire
Variable wire length
Mounting parts (optional)
Threaded stud at bottom of can (M8, max. torque = 5 Nm)
Fast fixation for mounting into a hole of Ø 8 mm
Technical data and specifications
Reference standards
IEC 60252-1 / UL810
Safety class to IEC 60252-1 2001-02
P0
Life expectancy to IEC 60252 2001
250 V/85 °C:
10,000 h (class B)
400 V/85 °C:
10,000 h (class B)
480 V/85 °C:
3,000 h (class C)
Rated capacitance CR
See dimensions table
Tolerance
±5%
Rated voltage VR
250 V, 400 V, 480 V
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR= Rated voltage)
Maximum permissible current Imax
1.3 · IR
(IR= Rated current)
FK PC PM AC
July 2007
Please read the important notes,
Page 2 of 8
cautions and warnings.


Similar Part No. - B32329C1506J017

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32329C1506J0 TDK-B32329C1506J0 Datasheet
128Kb / 8P
   Motor run capacitors
More results

Similar Description - B32329C1506J017

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com