Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41125A2477M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41125A2477M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41125A2477M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41125A2477M000 Datasheet HTML 6Page - EPCOS B41125A2477M000 Datasheet HTML 7Page - EPCOS B41125A2477M000 Datasheet HTML 8Page - EPCOS B41125A2477M000 Datasheet HTML 9Page - EPCOS B41125A2477M000 Datasheet HTML 10Page - EPCOS B41125A2477M000 Datasheet HTML 11Page - EPCOS B41125A2477M000 Datasheet HTML 12Page - EPCOS B41125A2477M000 Datasheet HTML 13Page - EPCOS B41125A2477M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical data and ordering codes
VR
V DC
CR
120 Hz, 20
°C
µF
Case dimensions
d
× l
mm
tan
δ
max
120 Hz, 20
°C
IAC,R
120 Hz, 105
°C
mA
Ordering code
∇ Type with miniaturized case dimensions
25
4.7
4
× 5.8
0.14
22
B41125A5475M000
10
5
× 5.8
0.14
28
B41125B5106M000
10
4
× 5.8
0.16
28
B41125A5106M000
22
6.3
× 5.8
0.14
55
B41125A5226M000
33
6.3
× 5.8
0.14
65
B41125A5336M000
47
6.3
× 7.7
0.16
72
B41125B5476M000
47
6.3
× 5.8
0.20
65
B41125A5476M000
100
8
× 10
0.16
130
B41125B5107M000
100
6.3
× 7.7
0.16
101
B41125A5107M000
150
8
× 10
0.16
130
B41125A5157M000
220
10
× 10
0.16
190
B41125B5227M000
220
8
× 10
0.30
130
B41125A5227M000
330
8
× 10
0.30
130
B41125A5337M000
470
10
× 10
0.30
230
B41125A5477M000
35
2.2
4
× 5.8
0.12
14
B41125A7225M000
3.3
4
× 5.8
0.12
17.5
B41125A7335M000
4.7
4
× 5.8
0.12
21
B41125A7475M000
10
5
× 5.8
0.12
28
B41125A7106M000
22
6.3
× 5.8
0.12
55
B41125A7226M000
33
6.3
× 7.7
0.14
79
B41125A7336M000
47
8
× 10
0.14
98
B41125B7476M000
47
6.3
× 7.7
0.20
98
B41125A7476M000
100
10
× 10
0.14
160
B41125C7107M000
100
6.3
× 7.7
0.20
98
B41125A7107M000
100
8
× 10
0.20
98
B41125B7107M000
150
8
× 10
0.14
120
B41125A7157M000
220
10
× 10
0.14
180
B41125B7227M000
220
8
× 10
0.14
157
B41125A7227M000
330
10
× 10
0.14
220
B41125A7337M000
B41125
Long life
105
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41125A2477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121 EPCOS-B41121 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1107M000 EPCOS-B41121A1107M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1108M000 EPCOS-B41121A1108M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1157M000 EPCOS-B41121A1157M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
B41121A1227M000 EPCOS-B41121A1227M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41125A2477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com