Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5631 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ5631
Description  3V PCS Band CDMA RFA/Mixer IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5631 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ5631 Datasheet HTML 1Page - TriQuint Semiconductor TQ5631 Datasheet HTML 2Page - TriQuint Semiconductor TQ5631 Datasheet HTML 3Page - TriQuint Semiconductor TQ5631 Datasheet HTML 4Page - TriQuint Semiconductor TQ5631 Datasheet HTML 5Page - TriQuint Semiconductor TQ5631 Datasheet HTML 6Page - TriQuint Semiconductor TQ5631 Datasheet HTML 7Page - TriQuint Semiconductor TQ5631 Datasheet HTML 8Page - TriQuint Semiconductor TQ5631 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
WIRELESS COMMUNICATIONS DIVISION
For additional information and latest specifications, see our website: www.triquint.com
1
TQ5631
DATA SHEET
3V PCS Band CDMA
RFA/Mixer IC
Features
Small size: SOT23-8
Single 3V operation
Low-current operation
Gain Select
High IP3 performance
Few external components
Applications
IS-95 CDMA Mobile Phones
Product Description
The TQ5631 is a 3V, RFAmplifier/Mixer IC designed specifically for PCS band CDMA
applications. It’s RF performance meets the requirements of products designed to
the IS-95 standards. The TQ5631 is designed to be used with the TQ3631 (CDMA
LNA) which provides a complete CDMA receiver for 1900MHz phones.
The RFA/Mixer incorporates on-chip switches which determine gain select states.
When used with the TQ3631 (CDMA LNA), four gain steps are available. The RF
input port is internally matched to 50
, greatly simplifying the design and keeping
the number of external components to a minimum. The TQ5631 achieves good RF
performance with low current consumption, supporting long standby times in portable
applications. Coupled with the very small SOT23-8 package, the part is ideally suited
for PCS band mobile phones.
Electrical Specifications1
Parameter
Min
Typ
Max
Units
Frequency
1960
MHz
Gain
15.0
dB
Noise Figure
5.7
dB
Input 3rd Order Intercept
1.0
dBm
DC supply Current
20.0
mA
Note 1: Test Conditions: Vdd=2.8V, RF=1960MHz, LO=1750MHz, IF=210MHz, Ta=25C,
LO input –4dBm, CDMA High Gain state.
RF
IN
VDD
GND
VDD
LO
IN
GND
IF
out
GIC


Similar Part No. - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results

Similar Description - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
RF Micro Devices
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
   3V CDMA/FM MIXER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com