Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32361A3806J030 Datasheet(PDF) 10 Page - EPCOS

Part # B32361A3806J030
Description  Film capacitors - Power Electronic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32361A3806J030 Datasheet(HTML) 10 Page - EPCOS

Back Button B32361A3806J030 Datasheet HTML 4Page - EPCOS B32361A3806J030 Datasheet HTML 5Page - EPCOS B32361A3806J030 Datasheet HTML 6Page - EPCOS B32361A3806J030 Datasheet HTML 7Page - EPCOS B32361A3806J030 Datasheet HTML 8Page - EPCOS B32361A3806J030 Datasheet HTML 9Page - EPCOS B32361A3806J030 Datasheet HTML 10Page - EPCOS B32361A3806J030 Datasheet HTML 11Page - EPCOS B32361A3806J030 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Film capacitors – Power Electronic Capacitors
General purpose applications
B32360 ... B32364
Preliminary data
FK PC PEC
May 2009
Please read Cautions and warnings and
Page 10 of 12
Important notes at the end of this document
.
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all. This applies also in cases of leakage.
To ensure the full functionality of the overpressure disconnector, elastic elements must not be
hindered and a minimum space of 12 mm has to be kept above each capacitor.
Check tightness of the connections/terminals periodically.
The energy stored in capacitors may be lethal. To prevent any chance of shock, discharge and
short-circuit the capacitor before handling.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
EPCOS AG is not responsible for any kind of possible damages to persons or things due to
improper installation and application of capacitors for power electronics.
Safety
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or
property damage may result from bursting of the capacitor or from expulsion of oil or melted
material due to mechanical disruption of the capacitor.
Ensure good, effective grounding for capacitor enclosures.
Observe appropriate safety precautions during operation (self-recharging phenomena and the high
energy contained in capacitors).
Handle capacitors carefully, because they may still be charged even after disconnection.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Thermal load
After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not
exceeded at extreme service conditions.
Mechanical protection
The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can
are avoided.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas,
acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning
especially of the terminals is required to avoid conductive path between phases and/or phases and
ground.
The maximum storage temperature is 85 °C.


Similar Part No. - B32361A3806J030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32361A3806J030 EPCOS-B32361A3806J030 Datasheet
726Kb / 16P
   Power Capacitors for Industrial Applications and Renewable Energy
More results

Similar Description - B32361A3806J030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com