Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41112A2227M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41112A2227M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41112A2227M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41112A2227M000 Datasheet HTML 6Page - EPCOS B41112A2227M000 Datasheet HTML 7Page - EPCOS B41112A2227M000 Datasheet HTML 8Page - EPCOS B41112A2227M000 Datasheet HTML 9Page - EPCOS B41112A2227M000 Datasheet HTML 10Page - EPCOS B41112A2227M000 Datasheet HTML 11Page - EPCOS B41112A2227M000 Datasheet HTML 12Page - EPCOS B41112A2227M000 Datasheet HTML 13Page - EPCOS B41112A2227M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical data and ordering codes
VR
CR
120 Hz, 20
°C
µF
Case dimensions
d
× l
mm
tan
δ
max
120 Hz, 20
°C
IAC,R
120 Hz, 85
°C
mA
Ordering code
50
0.1
4
× 5.4
0.12
1
B41112A6104M000
0.22
4
× 5.4
0.12
2
B41112A6224M000
0.33
4
× 5.4
0.12
3
B41112A6334M000
0.47
4
× 5.4
0.12
5
B41112A6474M000
1.0
4
× 5.4
0.12
10
B41112A6105M000
2.2
4
× 5.4
0.12
16
B41112A6225M000
3.3
4
× 5.4
0.12
17
B41112A6335M000
4.7
4
× 5.4
0.14
18
B41112A6475M000
4.7
5
× 5.4
0.12
23
B41112B6475M000
10.0
5
× 5.4
0.14
30
B41112A6106M000
10.0
6.3
× 5.4
0.12
35
B41112B6106M000
22
6.3
× 5.4
0.14
43
B41112A6226M000
22
6.3
× 5.8
0.14
44
B41112B6226M000
22
8
× 6.2
0.12
120
B41112C6226M000
33
6.3
× 7.7
0.14
94
B41112B6336M000
33
8
× 6.2
0.12
95
B41112C6336M000
33
8
× 10
0.12
110
B41112A6336M000
47
6.3
× 7.7
0.14
105
B41112C6476M000
47
8
× 10
0.12
132
B41112A6476M000
47
10
× 10
0.12
146
B41112B6476M000
56
8
× 10
0.12
150
B41112A6566M000
100
8
× 10
0.12
200
B41112A6107M000
100
10
× 10
0.12
250
B41112B6107M000
150
10
× 10
0.12
247
B41112A6157M000
220
10
× 10
0.12
300
B41112A6227M000
B41112
Standard series
85
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41112A2227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41112A2227M000 EPCOS-B41112A2227M000 Datasheet
771Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41112A2227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com