Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32355A4305J059 Datasheet(PDF) 2 Page - EPCOS

Part # B32355A4305J059
Description  Film capacitors - AC capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32355A4305J059 Datasheet(HTML) 2 Page - EPCOS

  B32355A4305J059 Datasheet HTML 1Page - EPCOS B32355A4305J059 Datasheet HTML 2Page - EPCOS B32355A4305J059 Datasheet HTML 3Page - EPCOS B32355A4305J059 Datasheet HTML 4Page - EPCOS B32355A4305J059 Datasheet HTML 5Page - EPCOS B32355A4305J059 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32355 – MotorCap™ P2 Compact
FK PC PM AC
June 2009
Please read the important notes,
Page 2 of 6
cautions and warnings.
Construction
Dielectric: polypropylene film
Electrode: segmented metallized film
Plastic can and top material to IEC 60335-1
Dry type
Features
Self-healing properties
Low dissipation factor
P2 safety class to IEC 60252-1 2001-02
High insulation resistance
IEC/EN 60335-1 compatible
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
Insulated copper wire
Mounting parts (optional)
Threaded stud at bottom of can
(M8, max. torque = 5 Nm)
Fast fixation for mounting into a hole of Ø 8 mm
Technical data and specifications
Reference standards
IEC 60252-1 2001-02 / EN 60252 2001
Safety class to IEC 60252-1 2001-02
P0
P2
Life expectancy to IEC 60252 2001
400 V/85 °C: 30000 h (class A)
450 V/85 °C: 10000 h (class B)
Rated capacitance CR
See dimensions table
Tolerance
5%
Rated voltage VR
400, 450 V AC
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR= rated voltage)
Maximum permissible current Imax
1.3 · IR
(IR= rated current)


Similar Part No. - B32355A4305J059

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
B32355C TDK-B32355C Datasheet
328Kb / 6P
   Film Capacitors – AC Capacitors
July 2017
B32355C4155J019 TDK-B32355C4155J019 Datasheet
328Kb / 6P
   Film Capacitors – AC Capacitors
July 2017
B32355C4205J019 TDK-B32355C4205J019 Datasheet
328Kb / 6P
   Film Capacitors – AC Capacitors
July 2017
B32355C4255J019 TDK-B32355C4255J019 Datasheet
328Kb / 6P
   Film Capacitors – AC Capacitors
July 2017
More results

Similar Description - B32355A4305J059

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com