Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41121 Datasheet(PDF) 6 Page - EPCOS

Part # B41121
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41121 Datasheet(HTML) 6 Page - EPCOS

Back Button B41121 Datasheet HTML 2Page - EPCOS B41121 Datasheet HTML 3Page - EPCOS B41121 Datasheet HTML 4Page - EPCOS B41121 Datasheet HTML 5Page - EPCOS B41121 Datasheet HTML 6Page - EPCOS B41121 Datasheet HTML 7Page - EPCOS B41121 Datasheet HTML 8Page - EPCOS B41121 Datasheet HTML 9Page - EPCOS B41121 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SMD capacitors
B41121
Standard series – 105
°C
6
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δmax
120 Hz
20
°C
IAC,R
120 Hz
105
°C
mA
Ordering code
433
4
× 5.4
0.35
18
B41121A1336M000
47
4
× 5.4
0.35
23
B41121A1476M000
100
5
× 5.4
0.35
42
B41121A1107M000
150
6.3
× 5.4
0.35
61
B41121A1157M000
220
6.3
× 5.4
0.35
68
B41121A1227M000
220
6.3
× 5.8
0.35
70
B41121B1227M000
330
6.3
× 7.7
0.35
73
B41121A1337M000
470
6.3
× 7.7
0.35
105
B41121A1477M000
680
8
× 10
0.35
210
B41121A1687M000
1000
8
× 10
0.35
260
B41121A1108M000
6.3
22
4
× 5.4
0.26
22
B41121A2226M000
33
5
× 5.4
0.26
27
B41121A2336M000
47
5
× 5.4
0.26
33
B41121A2476M000
100
6.3
× 5.4
0.26
50
B41121A2107M000
150
6.3
× 5.4
0.26
55
B41121A2157M000
150
6.3
× 5.8
0.26
56
B41121B2157M000
220
6.3
× 7.7
0.26
105
B41121A2227M000
330
6.3
× 7.7
0.26
105
B41121A2337M000
470
8
× 10
0.26
170
B41121A2477M000
680
8
× 10
0.26
210
B41121A2687M000
1000
10
× 10
0.26
230
B41121A2108M000
10
22
5
× 5.4
0.20
25
B41121A3226M000
33
5
× 5.4
0.20
30
B41121A3336M000
47
6.3
× 5.4
0.20
41
B41121A3476M000
100
6.3
× 5.4
0.20
53
B41121A3107M000
150
6.3
× 5.4
0.20
62
B41121A3157M000
150
6.3
× 5.8
0.20
64
B41121B3157M000
220
6.3
× 7.7
0.20
105
B41121A3227M000
330
8
× 10
0.20
175
B41121A3337M000
470
8
× 10
0.20
210
B41121A3477M000
680
10
× 10
0.20
310
B41121A3687M000
16
10
4
× 5.4
0.16
18
B41121A4106M000
22
5
× 5.4
0.16
27
B41121A4226M000
33
6.3
× 5.4
0.16
40
B41121A4336M000
47
6.3
× 5.4
0.16
48
B41121A4476M000
100
6.3
× 5.4
0.16
60
B41121A4107M000
100
6.3
× 5.8
0.16
62
B41121B4107M000
150
6.3
× 7.7
0.16
95
B41121A4157M000
220
6.3
× 7.7
0.16
105
B41121A4227M000
330
8
× 10
0.16
195
B41121A4337M000
470
8
× 10
0.16
310
B41121A4477M000
680
10
× 10
0.16
350
B41121A4687M000


Similar Part No. - B41121

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
   Aluminum Electrolytic Capacitors: SMD
More results

Similar Description - B41121

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com