Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812CS-152X_L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812CS-152X_L
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812CS-152X_L Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812CS-152X_L Datasheet HTML 1Page - Coilcraft lnc. 1812CS-152X_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors–1812CS Series (4532)
Document 105-1
Document 105-1
Revised 04/16/09
Inductance2
Percent
SRF min5
DCR max6
Irms7
Part number1
(µH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
1812CS-102XJL_
1.0 @ 7.9 MHz
5
60 @ 50 MHz
310
1.2
480
1812CS-122XJL_
1.2 @ 7.9 MHz
5
62 @ 50 MHz
230
1.2
480
1812CS-152X_L_
1.5 @ 7.9 MHz
5,2
65 @ 50 MHz
210
1.6
430
1812CS-182XJL_
1.8 @ 7.9 MHz
5
68 @ 50 MHz
190
2.0
380
1812CS-222X_L_
2.2 @ 7.9 MHz
5,2
63 @ 50 MHz
170
2.2
340
1812CS-272X_L_
2.7 @ 7.9 MHz
5,2
63 @ 50 MHz
160
3.2
300
1812CS-332X_L_
3.3 @ 7.9 MHz
5,2
65 @ 50 MHz
145
3.8
270
1812CS-392X_L_
3.9 @ 7.9 MHz
5,2
69 @ 50 MHz
130
5.0
240
1812CS-472XJL_
4.7 @ 7.9 MHz
5
63 @ 50 MHz
115
5.4
230
1812CS-562XJL_
5.6 @ 7.9 MHz
5
59 @ 50 MHz
100
5.7
220
1812CS-682XJL_
6.8 @ 7.9 MHz
5
60 @ 50 MHz
90
6.6
210
1812CS-822X_L_
8.2 @ 7.9 MHz
5,2
47 @ 50 MHz
80
7.0
200
1812CS-103XJL_
10 @ 7.9 MHz
5
36 @ 50 MHz
70
7.7
190
1812CS-123XJL_
12 @ 2.5 MHz
5
35 @ 10 MHz
60
8.7
180
1812CS-153X_L_
15 @ 2.5 MHz
5,2
34 @ 10 MHz
50
9.6
170
1812CS-183XJL_
18 @ 2.5 MHz
5
30 @ 10 MHz
45
10.5
160
1812CS-223X_L_
22 @ 2.5 MHz
5,2
32 @ 10 MHz
40
11.5
155
1812CS-273XJL_
27 @ 2.5 MHz
5
29 @ 10 MHz
30
12.5
150
1812CS-333X_L_
33 @ 2.5 MHz
5,2
20 @ 10 MHz
20
13.5
145
1. When ordering, specify tolerance, termination and packaging codes:
1812CS-333X
GLC
Tolerance:
G =2%
J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2200 parts per
full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF859 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Higher SRF values than 1812 size parts with ferrite cores
• 5% tolerances for all values
• 19 inductance values from 1.0 to 33 µH
Request free evaluation samples by contacting
Coilcraft or visiting www.coilcraft.com.
Designer’s Kit C337 contains 10 of each 5% part
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 109 – 128 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 600 per 7
″ reel; 2200 per 13″ reel. Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - 1812CS-152X_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812CS-152XGLD COILCRAFT-1812CS-152XGLD Datasheet
143Kb / 2P
   Chip Inductors 1812CS
1812CS-152XGLD COILCRAFT-1812CS-152XGLD Datasheet
149Kb / 2P
   Chip Inductors ??1812CS (4532)
1812CS-152XJLC COILCRAFT-1812CS-152XJLC Datasheet
143Kb / 2P
   Chip Inductors . 1812CS (4532)
More results

Similar Description - 1812CS-152X_L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com