Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008HQ-36NX_L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008HQ-36NX_L
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008HQ-36NX_L Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008HQ-36NX_L Datasheet HTML 1Page - Coilcraft lnc. 1008HQ-36NX_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors– 1008HQ Series (2520)
Document 190-1
Document 190-1
Revised 07/17/09
Inductance3
Percent
SRF min6
DCR max7
Irms8
Part number1
(nH)
tolerance4
Q min5
(GHz)
(Ohms)
(A)
1008HQ-3N0X_L_2
3.0 @ 50 MHz
5
70 @ 1500 MHz
8.10
0.04
1.6
1008HQ-4N1X_L_
4.1 @ 50 MHz
5
75 @ 1500 MHz
6.20
0.05
1.6
1008HQ-7N8X_L_2
7.8 @ 50 MHz
5
75 @ 500 MHz
3.80
0.05
1.6
1008HQ-10NX_L_
10 @ 50 MHz
5,2
60 @ 500 MHz
3.60
0.06
1.6
1008HQ-12NX_L_
12 @ 50 MHz
5,2
70 @ 500 MHz
2.80
0.06
1.5
1008HQ-18NX_L_
18 @ 50 MHz
5,2,1
62 @ 350 MHz
2.70
0.07
1.4
1008HQ-22NX_L_
22 @ 50 MHz
5,2
62 @ 350 MHz
2.05
0.07
1.4
1008HQ-33NX_L_
33 @ 50 MHz
5,2
75 @ 350 MHz
1.70
0.09
1.3
1008HQ-36NX_L_
36 @ 50 MHz
5,2
65 @ 350 MHz
1.40
0.09
1.3
1008HQ-39NX_L_
39 @ 50 MHz
5,2
75 @ 350 MHz
1.30
0.09
1.3
1008HQ-47NX_L_
47 @ 50 MHz
5,2,1
75 @ 350 MHz
1.45
0.12
1.2
1008HQ-56NX_L_
56 @ 50 MHz
5,2,1
75 @ 350 MHz
1.23
0.12
1.2
1008HQ-68NX_L_
68 @ 50 MHz
5,2,1
80 @ 350 MHz
1.15
0.13
1.1
1008HQ-82NX_L_
82 @ 50 MHz
5,2
80 @ 350 MHz
1.06
0.16
1.1
1008HQ-R10X_L_
100 @ 50 MHz
5,2
62 @ 350 MHz
0.82
0.16
1.0
1. When ordering, specify tolerance, termination and packaging codes:
1008HQ-R10X
GLC
Tolerance:
F =1%
G = 2%
J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape Factory order only, not stocked (7500 parts per
full reel).
2. Part is wound on low profile coilform.
3. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation
pieces.
4. Tolerances in bold are stocked for immediate shipment.
5. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
6. For SRF less than 6 GHz, measured using an Agilent/HP 8753D
network analyzer and a Coilcraft SMD-D test fixture. For SRF greater
than 6 GHz, measured using an Agilent/HP 8722ES network analyzer
and a Coilcraft SMD-D test fixture.
7. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF840 test fixture.
8. Electrical specifications at 25°C.
9. Temperature coefficient of inductance: +25 to +125 ppm/°C.
See Color Coding section for part marking data.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coilcraft Designer’s Kit C323 contains samples of all 5%
inductance tolerance parts. Kits with 2% tolerance are also
available. To order, contact Coilcraft or purchase on-line at
http://order.coilcraft.com.
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 32.4 – 35.7 mg; 17.1 – 17.7 mg (Low profile parts)
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel
Standard height parts: Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.8 mm pocket depth
Low profile parts: Plastic tape: 8 mm wide, 0.3 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Highest Q factors of any Coilcraft chip this body size, roughly
20% higher than our popular 1008CS and HS parts.
• Exceptional SRFs, tight tolerance and batch consistency


Similar Part No. - 1008HQ-36NX_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HQ-36NXFLB COILCRAFT-1008HQ-36NXFLB Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-36NXFLC COILCRAFT-1008HQ-36NXFLC Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-36NXFLD COILCRAFT-1008HQ-36NXFLD Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-36NXGLD COILCRAFT-1008HQ-36NXGLD Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-36NXJLD COILCRAFT-1008HQ-36NXJLD Datasheet
127Kb / 2P
   Chip Inductors - 1008HQ (2520)
More results

Similar Description - 1008HQ-36NX_L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com