Part Name
         Description
TQ3131

 3V Cellular Band CDMA/AMPS LNA IC ( 16 Page)


TRIQUINT
100% 
Zoom Out Zoom In
 
 3 page
background image
TQ3131
Data Sheet
For additional information and latest specifications, see our website: www.triquint.com
3
Typical Performance
Test Conditions, unless Otherwise Specified: Vdd=2.8V, Tc=+25C, RF=881MHz
CDMA High Gain Mode
Gain v Freq v Temp
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
850
860
870
880
890
900
910
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
IIP3 v Freq v Temp
11.0
11.5
12.0
12.5
13.0
13.5
850
860
870
880
890
900
910
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
Noise Figure v Freq v Temp
0.50
0.70
0.90
1.10
1.30
1.50
1.70
1.90
850
860
870
880
890
900
910
Frequency (MHz)
-30C
+25C
+85C
CDMA High Gain Mode
Idd v Vdd v Temp
9.00
9.50
10.00
10.50
11.00
11.50
12.00
12.50
13.00
13.50
2.5
2.7
2.9
3.1
3.3
Vdd (V)
-30C
+25C
+85C
AMPS Mode
Gain v Freq v Temp
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
850
860
870
880
890
900
910
Frequency (MHz)
-30C
+25C
+85C
AMPS Mode
IIP3 v Freq v Temp
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
850
860
870
880
890
900
910
Frequency (MHz)
-30C
+25C
+85C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TQ3132Low Current 3V Cellular Band CDMA/AMPS LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TGA1319CKa Band Wideband LNA/Driver 1 2 3 TriQuint Semiconductor
MHL9236NCellular Band RF Linear LDMOS Amplifier 1 2 3 4 5 Freescale Semiconductor, Inc
TQ51213V Cellular TDMA/AMPS LNA/mixer Receiver IC 1 2 3 4 5 MoreTriQuint Semiconductor
CSP1027CSP1027 Voice Band Codec for Cellular Handset and Modem Applications 1 2 3 4 5 MoreAgere Systems
TQ51353V Cellular CDMA/AMPS LNA/Mixer Receiver IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ36313V PCS Band CDMA LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
MH202High Dynamic Range Cellular Band MMIC Mixer 1 2 List of Unclassifed Manufacturers
TQ3632Low Current 3V PCS Band CDMA LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ9223C3V Cellular TDMA/AMPS LNA/mixer Receiver IC 1 2 3 4 5 MoreTriQuint Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl