Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ1090 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ1090
Description  11-Output Configurable Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ1090 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ1090 Datasheet HTML 1Page - TriQuint Semiconductor TQ1090 Datasheet HTML 2Page - TriQuint Semiconductor TQ1090 Datasheet HTML 3Page - TriQuint Semiconductor TQ1090 Datasheet HTML 4Page - TriQuint Semiconductor TQ1090 Datasheet HTML 5Page - TriQuint Semiconductor TQ1090 Datasheet HTML 6Page - TriQuint Semiconductor TQ1090 Datasheet HTML 7Page - TriQuint Semiconductor TQ1090 Datasheet HTML 8Page - TriQuint Semiconductor TQ1090 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
T
R
I
Q
U
I
N
T
S E M I C O N D U C T O R , I N C .
1
For additional information and latest specifications, see our website: www.triquint.com
TQ1090
11-Output
Configurable
Clock Buffer
Figure 1. Block Diagram
Output Buffers
VCO
Phase
Detector
VDD
Q10
Q9
GND
Q8
Q7
VDD
TEST
VDD
Q0
GND
Q1
Q2
VDD
FBIN
S1
REFCLK S0
GND
GND
GND
GND
Q3
Q4
VDD
Q5
Q6
GND
1
2
14
13
12
11
10
9
87
6
5
4
3
22
21
20
19
18
17
16
15
27
28
25
24
23
26
MUX
Divide Logic
÷ 2
Group A
Group C
Group B
S1 S0
TriQuint’s TQ1090 is a configurable clock buffer which generates 11
outputs, operating over a wide range of frequencies from 33 MHz to
45MHz, 65 MHz to 90 MHz and 130 MHz to 180 MHz. The outputs are
available at 1x, 2x and 4x, or at 1/2x, 1x and 2x, or at 1/4 x, 1/2 x and
1x the reference clock frequency, fREF.
When one of the Group A outputs (Q0–Q4) is used as feedback to the PLL,
all Group A outputs will be at fREF, all Group B outputs (Q5–Q8) will be at
2x fREF and all Group C outputs (Q9,Q10) will be at 4x fREF. When one of the
Group B outputs is used as feedback to the PLL, all Group A outputs will
be at 1/2 x fREF, all Group B outputs will be at fREF and all Group C outputs
will be at 2x fREF. When one of the Group C outputs is used as feedback to
the PLL, all Group A outputs will be at 1/4 x fREF, all Group B outputs will be
at 1/2 x fREF and all Group C outputs will be at fREF.
A very stable internal Phase-Locked Loop (PLL) provides low-jitter operation.
This completely self-contained PLL requires no external capacitors or
resistors. The PLL’s Voltage-Controlled Oscillator (VCO) has a frequency
range from 260 MHz to 360 MHz. By feeding back one of the output clocks
to FBIN, the PLL continuously maintains frequency and phase synchron-
ization between the reference clock (REFCLK) and each of the outputs.
Features
• Wide frequency range:
33 MHz to 45 MHz
65 MHz to 90 MHz and
130 MHz to 180 MHz
• Output configurations:
four outputs at fREF
four outputs at 2x fREF
two output at 4x fREF or
five outputs at 1/2 x fREF
three outputs at fREF
two outputs at 2x fREF
• Selectable Phase Shift:
–2t, –t, 0, +t (t = 1/fvco)
• Low output-to-output skew:
150 ps (max) within a group
• Near-zero propagation delay
–350 ps
± 500 ps (max) or
–350 ps
±700 ps (max)
• TTL-compatible I/O with 30 mA
output drive
• Ideal for Power PCdesigns
• 28-pin J-lead surface-mount
package


Similar Part No. - TQ1090

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
TQ100 ACTEL-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
logo
TriQuint Semiconductor
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
   11-Output Configurable Clock Buffer
More results

Similar Description - TQ1090

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
   11-Output Configurable Clock Buffer
GA1086 TRIQUINT-GA1086 Datasheet
234Kb / 12P
   11-Output Clock Buffer
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com