Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603ME-10NXJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603ME-10NXJL
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603ME-10NXJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603ME-10NXJL Datasheet HTML 1Page - Coilcraft lnc. 0603ME-10NXJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2007
0603ME Series (1608)
Specifications subject to change without notice.
Please check our website for latest information.
Document 431-2
Document 431-2
Revised 10/05/06
Inductance2
Percent
Q3
Q typ at
Q typ at
Q typ at
SRF min4
DCR max5
Irms6
Part number1
(nH)
tolerance
nom
300 MHz
800 MHz
1.5 GHz
(MHz)
(Ohms)
(mA)
0603ME-2N2XJL_
2.2
5
29
39
60
83
13500
0.024
2500
0603ME-3N6XJL_
3.6
5
25
45
75
95
6000
0.059
1600
0603ME-3N9XJL_
3.9
5
35
45
75
95
6000
0.059
1600
0603ME-4N3XJL_
4.3
5
35
45
75
95
6000
0.059
1600
0603ME-4N7XJL_
4.7
5
35
39
64
88
6000
0.047
1600
0603ME-5N6XJL_
5.6
5
35
45
75
95
6000
0.082
1400
0603ME-6N2XJL_
6.2
5
35
45
75
95
6000
0.082
1400
0603ME-6N8XJL_
6.8
5
35
45
80
100
6000
0.082
1400
0603ME-7N5XJL_
7.5
5
35
45
80
100
6000
0.090
1300
0603ME-8N2XJL_
8.2
5
26
50
84
122
6000
0.052
1250
0603ME-8N7XJL_
8.7
5
22
41
68
96
6000
0.097
1100
0603ME-9N5XJL_
9.5
5
24
43
73
103
6000
0.099
1100
0603ME-10NXJL_
10
5
35
45
80
100
6000
0.11
1100
0603ME-11NXJL_
11
5
35
45
80
100
6000
0.11
1100
0603ME-12NXJL_
12
5
35
50
85
100
6000
0.13
1050
0603ME-13NXJL_
13
5
35
50
85
100
6000
0.13
1050
0603ME-15NXJL_
15
5
40
55
90
105
6000
0.13
1400
0603ME-16NXJL_
16
5
40
55
90
105
5500
0.16
1000
0603ME-18NXJL_
18
5
40
55
90
105
5500
0.16
1000
0603ME-20NXJL_
20
5
40
55
90
105
4900
0.16
1000
0603ME-22NXJL_
22
5
40
55
90
105
4600
0.17
950
0603ME-24NXJL_
24
5
40
50
85
95
3800
0.21
950
0603ME-27NXJL_
27
5
40
50
85
95
3700
0.22
750
0603ME-30NXJL_
30
5
40
50
85
90
3300
0.23
650
0603ME-33NXJL_
33
5
40
50
85
90
3200
0.23
650
0603ME-36NXJL_
36
5
40
50
85
90
2900
0.26
600
0603ME-39NXJL_
39
5
40
50
85
90
2800
0.26
600
0603ME-43NXJL_
43
5
40
50
85
75
2700
0.27
600
0603ME-47NXJL_
47
5
38
50
85
75
2600
0.29
550
0603ME-51NXJL_
51
5
38
50
85
75
2500
0.33
550
0603ME-56NXJL_
56
5
38
50
85
75
2400
0.35
530
0603ME-62NXJL_
62
5
38
50
85
75
2300
0.43
450
0603ME-68NXJL_
68
5
38
50
85
75
2200
0.38
520
0603ME-72NXJL_
72
5
34
50
80
60
2100
0.56
470
0603ME-75NXJL_
75
5
34
50
80
60
2050
0.56
450
0603ME-82NXJL_
82
5
34
50
80
55
2000
0.60
400
0603ME-91NXJL_
91
5
34
45
80
55
1900
0.64
400
0603ME-R10XJL_
100
5
34
45
75
50
1800
0.68
380
0603ME-R11XJL_
110
5
32
45
75
50
1350
1.2
350
0603ME-R12XJL_
120
5
32
45
75
50
1600
1.3
310
0603ME-R13XJL_
130
5
32
45
75
50
1450
1.4
250
0603ME-R15XJL_
150
5
32
45
70
1400
1.5
240
0603ME-R16XJL_
160
5
32
45
65
1350
2.1
210
0603ME-R18XJL_
180
5
25
45
60
1300
2.2
200
1. When ordering, please specify termination and packaging codes:
0603ME-R18XJ
LW
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
W =7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 100 MHz, 0.1 Vrms, 0 Adc using a Coilcraft
SMD-A fixture in an Agilent/HP 4286A impedance analyzer with
Coilcraft-provided correlation pieces.
3. Q measured at 100 MHz using an Agilent/HP4291A with Agilent/
HP 16193 test fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
6. Average current for a 20°C rise above 25°C ambient.
7. Operating temperature range
−40°C to +125°C.
8. Electrical specifications at 25°C.


Similar Part No. - 0603ME-10NXJL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
0603M080KRR CERAMATE-0603M080KRR Datasheet
251Kb / 9P
   Zinc Oxide
0603M120KRR CERAMATE-0603M120KRR Datasheet
251Kb / 9P
   Zinc Oxide
0603M150KRR CERAMATE-0603M150KRR Datasheet
251Kb / 9P
   Zinc Oxide
0603M180KRR CERAMATE-0603M180KRR Datasheet
251Kb / 9P
   Zinc Oxide
0603M240KRR CERAMATE-0603M240KRR Datasheet
251Kb / 9P
   Zinc Oxide
More results

Similar Description - 0603ME-10NXJL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com