Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACP-2000MB Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-2000MB
Description  2U Rackmount Chassis for ATX/MicroATX Motherboard with Low-profile Rear Bracket Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-2000MB Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-2000MB Datasheet HTML 1Page - Advantech Co., Ltd. ACP-2000MB Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
ACP-2010MB/
2000MB
2U Rackmount Chassis for ATX/
MicroATX Motherboard with Low-profile
Rear Bracket Option
 LED indicators and audible alarm notification for system fault detection
 Shock-resistant drive bays to hold one 5.25" and three 3.5" drives
(one front-accessible and two internal)
 Various riser card options to support three full-length PCI or PCIe cards for
expansion
 Supports 300 W / 400 W ATX PFC power supply
 Reusable and washable air filters
Specifications
Disk Drive Bay
Front-accessible
Internal
5.25"
1
-
3.5"
1
2
Cooling
Fan
2 (47 CFM each)
Air Filters
Yes
I/O Interface
USB
2 (Front accessible)
PS/2
PS/2 keyboard and mouse, or PS/2 keyboard depends on the enclosed motherboard
Miscellaneous
LED Indicators
Power, HDD, Temperature, Fan
Rear Panel
Reserved two 9-pin D-Sub openings
Slide Rails
General Devices (http://www.generaldevices.com) C-300 series supported (not included)
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 %@ 40° C, non-condensing
Vibration (5-500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Acoustic Noise
Less than 52 dB sound pressure at 5 ~ 28° C (41 ~ 82° F)
Altitude
0 to 3,048 m (0 ~ 10,000 ft)
Physical Characteristics
Dimensions (W x H x D)
482 x 88 x 480 mm (19" x 3.46" x 18.9") (ACP-2010MB)
482 x 88 x 450 mm (19" x 3.46" x 17.7") (ACP-2000MB)
Weight
13.0 kg / 28.6 lb (ACP-2010MB)
12.5 kg / 27.5 lb (ACP-2000MB)
Inside View
Rear view of ACP-2010MB
Rear I/O bracket for low profile
add-on cards
USB
PS/2 keyboard
connector
Power LED
HDD LED
Temp. LED
Fan LED
Alarm reset
switch
System reset
switch
One 3.5"
drive bay
One 5.25" drive bay
RoHS
COMPLIANT
2002/95/EC
NEW


Similar Part No. - ACP-2000MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-2000 ADVANTECH-ACP-2000 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000EBP-00BE ADVANTECH-ACP-2000EBP-00BE Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000EBP-00BE ADVANTECH-ACP-2000EBP-00BE Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000EBP-00XE ADVANTECH-ACP-2000EBP-00XE Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results

Similar Description - ACP-2000MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-2320MB ADVANTECH-ACP-2320MB_12 Datasheet
2Mb / 2P
   2U Rackmount Chassis for ATX/ MicroATX Motherboard with Low-Profile Rear Bracket Option
ACP-2320MB ADVANTECH-ACP-2320MB Datasheet
572Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard with Low-Profile Rear Bracket Option
04-Sep-2009
ACP-2010 ADVANTECH-ACP-2010_15 Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard with Low-Profile Rear Bracket Option
ACP-2010MB ADVANTECH-ACP-2010MB_12 Datasheet
2Mb / 2P
   2U Rackmount Chassis for ATX/ MicroATX Motherboard with Low-Profile Rear Bracket Option
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
   2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
   2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
IPC-603 ADVANTECH-IPC-603_15 Datasheet
1Mb / 2P
   2U 3-Slot Rackmount Chassis for ATX/ MicroATX Motherboard with Front I/O
IPC-603MB ADVANTECH-IPC-603MB Datasheet
1Mb / 2P
   2U 3-Slot Rackmount Chassis for ATX/MicroATX Motherboard with Front I/O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com