Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402CS-2N7X_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402CS-2N7X_L
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402CS-2N7X_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402CS-2N7X_L Datasheet HTML 1Page - Coilcraft lnc. 0402CS-2N7X_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
0402CS Series (1005)
Document 198-2
Revised 07/07/09
Document 198-2
Inductance2
Percent
900 MHz
1.7 GHz
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402CS-1N0X_L_
1.0
5
1.02
77
1.02
69
12.70
0.045
1360
0402CS-1N2X_L_
1.2
5
1.17
28
1.17
38
12.90
0.090
740
0402CS-1N8X_L_
1.8
5
1.78
54
1.78
75
12.00
0.070
1040
0402CS-1N9X_L_
1.9
5
1.72
68
1.74
82
11.30
0.070
1040
0402CS-2N0X_L_
2.0
5,2
1.93
54
1.93
75
11.10
0.070
1040
0402CS-2N2X_L_
2.2
5,2
2.19
59
2.23
100
10.80
0.070
960
0402CS-2N4X_L_
2.4
5,2
2.24
51
2.27
68
10.50
0.068
790
0402CS-2N7X_L_
2.7
5,2
2.58
42
2.60
61
10.40
0.120
640
0402CS-3N3X_L_
3.3
5,2
3.10
65
3.12
87
7.00
0.066
840
0402CS-3N6X_L_
3.6
5,2
3.56
45
3.62
71
6.80
0.066
840
0402CS-3N9X_L_
3.9
5,2
3.89
50
4.00
75
6.00
0.066
840
0402CS-4N3X_L_
4.3
5,2
4.19
47
4.30
71
6.00
0.091
700
0402CS-4N7X_L_
4.7
5,2
4.55
48
4.68
68
4.77
0.130
640
0402CS-5N1X_L_
5.1
5,2
5.15
56
5.25
82
4.80
0.083
800
0402CS-5N6X_L_
5.6
5,2
5.16
54
5.28
81
4.80
0.083
760
0402CS-6N2X_L_
6.2
5,2
6.16
52
6.37
76
4.80
0.083
760
0402CS-6N8X_L_
6.8
5,2
6.56
63
6.93
78
4.80
0.083
680
0402CS-7N5X_L_
7.5
5,2
7.91
60
8.22
88
4.80
0.10
680
0402CS-8N2X_L_
8.2
5,2
8.50
57
8.85
84
4.40
0.10
680
0402CS-8N7X_L_
8.7
5,2
8.78
54
9.21
73
4.10
0.20
480
0402CS-9N0X_L_
9.0
5,2
9.07
62
9.53
78
4.16
0.10
680
0402CS-9N5X_L_
9.5
5,2
9.42
54
9.98
69
4.00
0.20
480
0402CS-10NX_L_
10
5,2
9.8
50
10.10
67
3.90
0.20
480
0402CS-11NX_L_
11
5,2
10.7
52
11.20
78
3.68
0.12
640
0402CS-12NX_L_
12
5,2
11.9
53
12.70
71
3.60
0.12
640
0402CS-13NX_L_
13
5,2
13.4
51
14.63
57
3.45
0.21
440
0402CS-15NX_L_
15
5,2
14.6
55
15.50
77
3.28
0.17
560
0402CS-16NX_L_
16
5,2
16.6
46
18.86
47
3.10
0.22
560
0402CS-18NX_L_
18
5,2
18.3
57
20.28
62
3.10
0.23
420
0402CS-19NX_L_
19
5,2
19.1
50
21.10
67
3.04
0.20
480
0402CS-20NX_L_
20
5,2
20.7
52
23.66
53
3.00
0.25
420
0402CS-22NX_L_
22
5,2
23.2
53
26.75
53
2.80
0.30
400
0402CS-23NX_L_
23
5,2
23.8
49
26.90
64
2.72
0.30
400
0402CS-24NX_L_
24
5,2
25.1
51
29.50
50
2.70
0.30
400
0402CS-27NX_L_
27
5,2
28.7
49
33.50
63
2.48
0.30
400
0402CS-30NX_L_
30
5,2
31.1
46
38.50
39
2.35
0.30
400
0402CS-33NX_L_
33
5,2
34.9
31
41.74
32
2.35
0.30
400
0402CS-36NX_L_
36
5,2
39.5
44
48.40
53
2.32
0.44
320
0402CS-39NX_L_
39
5,2
41.7
47
50.23
45
2.10
0.55
200
0402CS-40NX_L_
40
5,2
39.0
44
47.40
33
2.24
0.44
320
0402CS-43NX_L_
43
5,2
45.8
46
61.55
34
2.03
0.81
100
0402CS-47NX_L_
47
5,2
50.0
38
2.10
0.83
150
0402CS-51NX_L_
51
5,2
56.6
40
1.75
0.82
100
0402CS-56NX_L_
56
5,2
62.8
42
1.76
0.97
100
0402CS-68NX_L_
68
5,2
78.2
36
1.62
1.12
100
0402CS-82NX_L_
82
5,2
1.26
1.55
50
0402CS-R10X_L_
100
5,2
1.16
2.00
30
0402CS-R12X_L_
120
5
1.90
2.20
50
1. When ordering, specify tolerance, termination and packaging codes:
0402CS-68NX
JLW
Tolerance:
G =2%
J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
W =7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. For SRF >6 GHz, measured using an Agilent/HP 8722ES network
analyzer and a Coilcraft SMD-D test fixture. For SRF
≤6 GHz,
measured using an Agilent/HP 8753D network analyzer and a Coilcraft
SMD-D test fixture.
6. DCR measured on a micro-ohmmeter.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kits C328A and B contain 20 each of all 5% values
Designer’s Kits C328A-2 and B-2 contain 20 each of all 2% values


Similar Part No. - 0402CS-2N7X_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-2N7XGLQ COILCRAFT-0402CS-2N7XGLQ Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-2N7XGLU COILCRAFT-0402CS-2N7XGLU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-2N7XGLW COILCRAFT-0402CS-2N7XGLW Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-2N7XJLU COILCRAFT-0402CS-2N7XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
logo
Qorvo, Inc
0402CS-2N7XJLW QORVO-0402CS-2N7XJLW Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
More results

Similar Description - 0402CS-2N7X_L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com