Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

132-18L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 132-18L
Description  Fixed RF Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

132-18L Datasheet(HTML) 1 Page - Coilcraft lnc.

  132-18L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
Fixed RF Inductors – 132 Series
Document 114
Document 114
Revised 03/23/06
These fixed RF coils are part of Coilcraft’s series of insert
molded inductors. This precision construction technique
ensures constant winding pitch, long-term stability and
tight tolerance (±5%) on inductance.
These high Q fixed inductors are available in standard
values from 14.0 nH to 709 nH.
Coilcraft Designer’s Kit M304 contains three samples
each of 20 standard values plus 13 values from the
148 Series. To order, please contact Coilcraft or visit
http://order.coilcraft.com.
Part
L2
SRF min3
DCR max4
Irms5
Lead gauge
Dim A6
L7
number
±5% (nH)
Q min2
(MHz)
(mOhms)
(A)
Color
Turns
(AWG)
(in/mm)
±5% (nH)
132-01L
14.0
60@ 50 MHz
2500
2.1
4.0
Brown
1
½
22
0.148/3,76
31.5
132-02L
21.0
64@ 50 MHz
2000
3.0
4.0
Red
2
½
22
0.148/3,76
36.5
132-03L
28.0
68@ 50 MHz
1700
3.8
4.0
Orange
3
½
22
0.148/3,76
44.0
132-04L
37.5
72@ 50 MHz
1550
4.7
4.0
Yellow
4
½
22
0.148/3,76
53.5
132-05L
49.0
75@ 50 MHz
1240
5.7
4.0
Green
5
½
22
0.148/3,76
64.0
132-06L
61.5
80@ 50 MHz
1160
6.6
4.0
Blue
6
½
22
0.148/3,76
79.0
132-07L
83
66@ 25 MHz
900
7.4
3.5
Violet
7
½
22
0.148/3,76
99.0
132-08L
98
68@ 25 MHz
800
8.0
3.5
Gray
8
½
22
0.148/3,76
117
132-09L
120
68@ 25 MHz
700
9.0
3.5
White
9
½
22
0.148/3,76
138
132-10L
140
68@ 25 MHz
615
10.0
3.0
Black
10
½
22
0.148/3,76
158
132-11L
180
66@ 25 MHz
525
13.7
3.0
Brown
11
½
23
0.148/3,76
197
132-12L
220
72@ 25 MHz
480
19.0
3.0
Red
12
½
24
0.153/3,89
235
132-13L
246
70@ 25 MHz
440
20.3
3.0
Orange
13
½
24
0.153/3,89
260
132-14L
276
70@ 25 MHz
410
22.5
3.0
Yellow
14
½
24
0.153/3,89
290
132-15L
333
72@ 25 MHz
390
30.6
3.0
Green
15
½
25
0.154/3,91
345
132-16L
397
72@ 25 MHz
365
40.3
2.5
Blue
16
½
26
0.156/3,96
410
132-17L
460
66@ 25 MHz
340
43.1
2.5
Violet
17
½
26
0.156/3,96
475
132-18L
505
66@ 25 MHz
325
57.3
2.0
Gray
18
½
27
0.156/3,96
550
132-19L
571
68@ 25 MHz
310
61.2
2.0
White
19
½
27
0.156/3,96
600
132-20L
709
66@ 25 MHz
275
82.7
1.5
Black
20
½
28
0.160/4,06
720
1. When ordering, please specify termination code:
132-20
L
Termination:
L = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
2. Inductance and Q measured with leads connected directly to the Agilent/
HP 4287A.
3. SRF measured using the Agilent/HP 8753D.
4. DCR measured using the Cambridge Technology Model 510 Micro
Ohmmeter.
0.260
6,60
0.290 ±0.005
7,37 ±0,13
0.187 ±0.030
4,75 ±0,76
0.380
9,65
max
max
0.230
5,84
max
A
See table for lead
diameter and spacing
Weight:
245 – 510 mg
5. Average current for a 20°C temperature rise from 25°C ambient.
6. Tolerance ±0.005
″/0,13 mm.
7. The inductance values in column two are more accurate measurements
taken on a contemporary meter. The old values in this column are for
reference by existing users of these parts and were measured with leads
connected directly to a Boonton 260-A.
8. Operating temperature range -40°C to 85°C.
9. Electrical specifications at 25°C.


Similar Part No. - 132-18L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-18SM-L COILCRAFT-132-18SM-L Datasheet
221Kb / 2P
   Maxi Spring??Air Core Inductors
132-18SMGLB COILCRAFT-132-18SMGLB Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-18SMGLB COILCRAFT-132-18SMGLB Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-18SMGLD COILCRAFT-132-18SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-18SMGLD COILCRAFT-132-18SMGLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
More results

Similar Description - 132-18L

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
ALXFNR0410 XFMRS-ALXFNR0410 Datasheet
33Kb / 1P
   FIXED INDUCTORS
ALXFNR0410 XFMRS-ALXFNR0410_15 Datasheet
33Kb / 1P
   FIXED INDUCTORS
ALXFNR0307 XFMRS-ALXFNR0307 Datasheet
33Kb / 1P
   FIXED INDUCTORS
ALXFNR0307 XFMRS-ALXFNR0307_15 Datasheet
33Kb / 1P
   FIXED INDUCTORS
logo
Panasonic Semiconductor
ELJ-QF2N0DF PANASONIC-ELJ-QF2N0DF Datasheet
120Kb / 5P
   Fixed Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com