Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1700002204 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1700002204
Description  Accessories 5.25 Industrial Disk Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1700002204 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1700002204 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
Connectors and Cables
P/N 1700060201
Y-cable for PS/2 mouse & AT
keyboard for CPU card
P/N 1700100301
USB cable with dual ports, 30 cm
 The key is in pin #10
P/N 1700002204
USB cable with dual ports, 27cm
 For AIMB-764, 762, 760, 750, 744, 742, 562,
560, 556, 554, 542, PCA-6189, PCE-5120,
PCE-7210
 The key is in pin #9
P/N 1700000259
15-pin to 9-pin D-sub VGA cable,
20 cm
P/N 1700100170
USB cable with dual ports, 17.5 cm
 The key is in pin #10
P/N 1700003195
USB cable with dual ports, 17.5 cm
 For AIMB-764, 762, 760, 750, 744, 742,
562, 560, 556, 554, 542, PCA-6189,
PCE-5120, PCE-7210
 The key is in pin #9
P/N 1701260305
Serial and parallel ports with cables
and bracket
P/N 1700060202
Y-cable for PS/2 mouse & keyboard
for CPU card
P/N 1700000719
USB cable with four ports, 30.5 cm
 The key is in pin #10
P/N 1700002314
USB cable with four ports, 30.5cm
 For AIMB-764, 762, 760, 750, 744, 742, 562,
560, 556, 554, 542, PCA-6189, PCE-5120,
PCE-7210
 The key is in pin #9
Accessories
 Accepted HDD: 1 x 3.5"
 Cooling Fan: 1 x 7 CFM
 Material: Heavy duty steel plate with coating
 Color Codes: 414U (Gray), 4C2X (Black)
 Dimensions (W x H x D): 148.5 x 42.6 x 171 mm (5.85" x 1.68" x 6.73")
 Net Weight: 400 g (0.88 lb)
 P/N: IDT-5101, IDT-5101-BLK
IDT-5121, IDT-5121-BLK with dual USB & PS/2
5.25 Industrial Disk Tray
IDT-5101
Shockproof Industrial Hard Disk Drive Tray with Cooling Fan and Optional Front USB and PS/2 Interfaces


Similar Part No. - 1700002204

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1700002204 ADVANTECH-1700002204 Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
1700002204 ADVANTECH-1700002204 Datasheet
442Kb / 2P
   LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
20-Sep-2022
1700002204 ADVANTECH-1700002204 Datasheet
715Kb / 2P
   LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
1700002204 ADVANTECH-1700002204 Datasheet
567Kb / 2P
   LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, M.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
1700002204 ADVANTECH-1700002204 Datasheet
1Mb / 3P
   Accessories
More results

Similar Description - 1700002204

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDT-5121 ADVANTECH-IDT-5121 Datasheet
1Mb / 3P
   Industrial Disk Tray/Bay
IDT-5121-BLK ADVANTECH-IDT-5121-BLK Datasheet
1Mb / 3P
   Industrial Disk Tray/Bay
EBPC-5250 ADVANTECH-EBPC-5250 Datasheet
768Kb / 2P
   Embedded Industrial Chassis for 5.25" SBCs
PCL-1050 ADVANTECH-PCL-1050 Datasheet
262Kb / 1P
   Industrial Wiring Accessories
logo
List of Unclassifed Man...
IB815 ETC2-IB815 Datasheet
1Mb / 1P
   Intel짰 Atom??D525 5.25" Disk-Size SBC w/ Intel짰 ICH8M Chipset
logo
Silan Microelectronics ...
SA1582 SILAN-SA1582 Datasheet
442Kb / 8P
   BIDIRECTIONAL DC MOTOR DRIVER FOR DISK TRAY MOTION
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
logo
Advantech Co., Ltd.
IPC-DT-5121 ADVANTECH-IPC-DT-5121 Datasheet
636Kb / 1P
   Shockproof industrial hard disk drive tray with cooling fan and optional front USB and PS/2 interfaces
13-Sep-2017
logo
Johanson Technology Inc...
5250AT43A200 JOHANSON-5250AT43A200 Datasheet
416Kb / 5P
   5.25 GHz Antenna
5250BL14B100 JOHANSON-5250BL14B100 Datasheet
87Kb / 2P
   5.25 GHz Balun
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com