Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC621D-20A Datasheet(PDF) 4 Page - SAMWHA ELECTRIC

Part # SVC621D-20A
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC621D-20A Datasheet(HTML) 4 Page - SAMWHA ELECTRIC

  SVC621D-20A Datasheet HTML 1Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 2Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 3Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 4Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 5Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 6Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 7Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 8Page - SAMWHA ELECTRIC SVC621D-20A Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DISC Ceramic Capacitors
121
SAMWHA CAPACITOR Co., Ltd.
120
Char, Curves and Lifetime
Item
Code
FS5 or FK5
FF9
Body Diameter
D
See page 119
Body Thickness
T
See page 119
Lead Diameter
Ød
0.5/0.50±0.05 0.6-0.8±0.05
Pitch of sprocket Hole
P0
12.7±0.3
Pitch of Component
P
6.35±1.3
25.4±1.0
Lead Length from Hole Center Lead
P1
3.85±0.7
8.95±1.0
Lead Length from Hole
P2
6.35±1.3
12.7±1.5
Center to Component Center
Lead Spacing
F
5.0
7.5±1.0
Deviation Along Tape. Left or Right
ΔS
0±1.0
Deviation Across Tape
Δh0±2.0
Carrier Tape Width
W
18.0
Hold Down Tape Width
W0
5.0Min.
9.0Min.
Position of Sprocket Hole
W1
9.0±0.5
Hole Down Tape Position
W2
3.0Max.
Lead-Wire Clinch Height
H0
16.0±0.5
Height of Component Hole
H
20.0
Component Height
H1
32.25Max.
Diameter of Sprocket Hole
ØD0
4.0±0.2
Length of Snipped Lead
L
11.0Max.
Total Tape Thickness
t1
0.7±0.2
Total Thickness Tape and Lead Wire
t2
1.5Max.
1.7Max.
Length of Snipped Lead
Lx
1.0Max.
FS5 Type
FK5 Type
FF9 Type
FF7 Type
FF8 Type
+1.0
-0.5
+1.5
-1.0
+0.8
-0.2
Item
Code
FF7
FF8
Body Diameter
D
See page 119
Body Thickness
T
See page 119
Lead Diameter
Ød
0.6-0.8±0.05
Pitch of sprocket Hole
P0
15.0±0.3
Pitch of Component
P
15.0±0.3
30.0±1.0
Lead Length from Hole Center Lead
P1
3.75±1.0
Lead Length from Hole
P2
7.50±1.5
Center to Component Center
Lead Spacing
F
7.5±1.0
Deviation Along Tape. Left or Right
ΔS
0±1.0
Deviation Across Tape
Δh0±2.0
Carrier Tape Width
W
18.0
Hold Down Tape Width
W0
5.0Min.
Position of Sprocket Hole
W1
9.0±0.5
Hole Down Tape Position
W2
3.0Max.
Lead-Wire Clinch Height
H0
16.0±0.5
Height of Component Hole
H
20.0
Component Height
H1
40.00Max.
Diameter of Sprocket Hole
ØD0
4.0±0.2
Length of Snipped Lead
L
11.0Max.
Total Taps Thickness
t1
0.7±0.2
Total Thickness Tape and Lead Wire
t2
1.7Max.
Length of Snipped Lead
Lx
1.0Max.
+1.0
-0.5
+1.5
-1.0
Transient V-I Charactic Curves
05B(SVC 180D-05B to SVC 680D-05B)
Current waveform under 10
-2 A : DC
over 10
-1 A : 8/20㎲
Pulse Lifetime Ratings
05B(SVC 180D-05B to SVC 680D-05B)
Notes : 2-pulse : 5-minute interval
3 to 10-pulse : 2-minute interval
Up to 10
6 - pulse : 10-second interval
05A(SVC 820D-05A to SVC 471D-05A)
Current (A)
Max clamping voltage
Max idle
current
SVC 361D-05A
SVC391D-05A
SVC 431D-05A
SVC 471D-05A
SVC 431D-05A
SVC 391D-05A
SVC 361D-05A
SVC 271D-05A
SVC 241D-05A
SVC 221D-05A
SVC 201D-05A
SVC 471D-05A
SVC 271D-05A
SVC 241D-05A
SVC 221D-05A
SVC 151D-05A
SVC 121D-05A
SVC 101D-05A
SVC 820D-05A
SVC 201D-05A
SVC
151D-05A
SVC
121D-05A
SVC
121D-05A
SVC
820D-05A
05A(SVC 820D-05A to SVC 471D-05A)
SVC Varistors Type
Dimensions(mm)
Dimensions(mm)


Similar Part No. - SVC621D-20A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC621D-20A ETC1-SVC621D-20A Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC621D-20A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com