Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC361D-07A Datasheet(PDF) 9 Page - SAMWHA ELECTRIC

Part # SVC361D-07A
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC361D-07A Datasheet(HTML) 9 Page - SAMWHA ELECTRIC

Back Button SVC361D-07A Datasheet HTML 2Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 3Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 4Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 5Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 6Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 7Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 8Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 9Page - SAMWHA ELECTRIC SVC361D-07A Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DISC Ceramic Capacitors
131
SAMWHA CAPACITOR Co., Ltd.
130
Standard
Date
Content
Applicable SVC series
File No.
Cord connected and Direct
05Series, 07Series, 10Series
UL 1449
04. 06. 02
Transient Voltage
Plug in Type Equipment
14Series, 20Series
E151195
surge suppressors
Pemanently connected
10Series, 14Series,
type equipment
20Series
Protectors for data
UL 497B
02. 06
communication and fire
SVC 180D - □ ~SVC 821D -□
E154171
alarm circuirt
C22.2
Varistor for Across
NO.1-M
04. 08. 02
- The - Line use as transient
250V AC
SVC 201D - □ ~ SVC 182D -□
LR78923
1981
protection on 120Vac system
02. 05. 16
4000153
02. 05. 16
Surge Suppression
40001516
99. 08. 25
116012
ISO 9001:2000
94. 12. 15
ID03/0294
Recognized standards
Application Exampel
Varistor Terminology
Varistor Voltage : Vnom
Varistor peak terminal voltage measured with a specified
current applied The DC current applied is 1mA normally.
Clamping Voltage : Vc
Maximum terminal voltage (peak voltage across the varistor)
measured with an applied 8/20㎲ impulse of a given peak
current.
UL
CAS
VDE
Fire Alarm System
Traffic Signal Control
Solenold
Stove, Boiler
Vending Machine
Brake, Clutch
Contect Protection
Thytister Protection
TV Booster
Microwave Oven
Triac Protection
Sound Output Circuit
SVC Varistors Type
SVC 180 - □ -SVC 112D -14


Similar Part No. - SVC361D-07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC361D-07A ETC1-SVC361D-07A Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC361D-07A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com