Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

141LT-0282-010 Datasheet(PDF) 1 Page - ETRI

Part # 141LT-0282-010
Description  AC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

141LT-0282-010 Datasheet(HTML) 1 Page - ETRI

  141LT-0282-010 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2009
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal
speed
Noise
level
Input
Power
Nominal
current
Operating
temperature
141LV-0282-010
115
23,5
27,5
1600
50
1
9
110
125
X
-10
70
26
28
1700
60
1
8
100
110
X
-10
70
141LV-0281-010
208-240
23,5
27,5
1600
50
1
10
60
70
X
-10
70
26
28
1700
60
1
9
55
65
X
-10
70
141LT-0282-010
115
33
35
2200
50
1
10
125
160
X
-10
70
35
38,5
2400
60
1
9
110
140
X
-10
70
141LT-0281-010
208-240
33
35
2200
50
1
12
75
90
X
-10
70
35
38,5
2400
60
1
10
65
75
X
-10
70
141LS-0282-010
115
42
44,5
2800
50
1
13
160
275
X
-10
70
48
49,5
3200
60
1
12
140
240
X
-10
70
141LS-0281-010
208-240
42
44,5
2800
50
1
14
95
150
X
-10
70
48
49,5
3200
60
1
12
80
130
X
-10
70
V
l/s
dB(A)
RPM
Hz
F
W
mA
mA
µ
Leads Terminals Min.°C Max.°C
AC Motor
Electrical protection: impedance protected
Housing material: zamak
Impeller material: plastic UL 94 VO
Weight: 725 g
Bearing system: ball bearings
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
Frequency
Connection
type
Starting
current
Capacitor
Phases
Additional versions:
Salt spray protected - shock and vibration protected - marine
specifications - wide temperature range
IP54: consult factory
Accessories:
Refer to Accessories leaflet
Available with:
- Flying leads
- Speed sensor
R
R
RoHS
141LV
141LT
141LS
120x120x38mm
141L
Series
4,724’’ x
’’
4,724’’ x 1,496
104.8±0.25[4.126"±0.01"]
119
[4.685"
]
+ 0.8
+ 0.031"
119
[4.685"
]
+ 0.8
+ 0.031"
2 x 4 3.8±0.15[.153"±0.006"]
Ø
2 x 4 3 .8±0.15[ .153"±0.006"]
Ø
9.3±0.2[.37"±0.008"]
7.65±0.2[.3"±0.008"]
9.3±0.2[.37"±0.008"]
38.9[1.53"]Maxi
4bossages/boss
1bossage/boss
3bossages/boss
Air
-0
- 0
-0”
- 0”


Similar Part No. - 141LT-0282-010

ManufacturerPart #DatasheetDescription
logo
ETRI
141LT-0282-010 ETRI-141LT-0282-010 Datasheet
184Kb / 1P
   AC Axial Fans
More results

Similar Description - 141LT-0282-010

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com