Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFI06B1H331M Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CFI06B1H331M
Description  LC Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CFI06B1H331M Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CFI06B1H331M Datasheet HTML 1Page - SAMWHA ELECTRIC CFI06B1H331M Datasheet HTML 2Page - SAMWHA ELECTRIC CFI06B1H331M Datasheet HTML 3Page - SAMWHA ELECTRIC CFI06B1H331M Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMI Suppression Filter
95
SAMWHA CAPACITOR Co., Ltd.
94
Features
The noise-rejection band can be requested by selecting the capacitors capacitance as required.
These filters serve as an excellent countermeasure against noise since they provide high attenuation over
a wide band of frequency from 10 to 1,000MHz.
Epoxy powder exteriors provide solid strength and stable lead pitches to assure optimum suitability for
automatic inserting operation.
Compact size allows high density PCB mounting for 2.5mm steps.
Applications
Computers and peripheral equipment, word processors, facsimiles.
Digital controlled equipment and electronic type writer, program controllers.
Automotive engine control units, car electronics.
TVs, VCRs, electronic music instruments, video games etc.
LC Filter
CFI 06 B 1H 101 M F
How to Order(Product Identification)
Type
Physical Dimensions
Type of EMI suppression filter
06 : Component
Temperature Characteristics
Rated Valtage
B(Y5P) :
C :-15~15%(-55℃~125℃)
1H : 50V DC
2H : 100V DC
Norminal Capacitance(㎊)
Capacitance Tolerance
The first two digits indicate significants digits, the
third digits indicate the number of zero following
ex) 470
47㎊, 271
270㎊, 222
2200㎊
Code
Tolerance
K
±10%
M
±20%
Z
-20, 80%
Code
B
F
Packing
Bulk Packing
Taping type of flat pack(Ammo-Pack)
Packing Style
Specifications
Typical Insertion Loss Characteristics
K, M
M
M, Z
Part No.
Capacitance
Frequency Range(M㎐)
(㎊)
-15dB
-25dB
CFI 06 B 1H 220M
22±20%
500~800
700~800
CFI 06 B 1H 330M
33±20%
400~800
650~800
CFI 06 B 1H 470M
47±20%
350~800
550~700
CFI 06 B 1H 680M
68±20%
250~800
450~600
CFI 06 B 1H 101M
100±20%
200~800
350~500
CFI 06 B 1H 151M
150±20%
150~800
300~400
CFI 06 B 1H 221M
220±20%
100~800
200~350
CFI 06 B 1H 271M
270±20%
80~800
200~300
CFI 06 B 1H 331M
330±20%
70~800
150~300
CFI 06 B 1H 471M
470±20%
50~800
120~300
CFI 06 B 1H 681M
680±20%
40~800
90~300
CFI 06 B 1H 102M
1000±20%
30~800
70~200
CFI 06 B 1H 152M
1500±20%
25~800
60~200
CFI 06 B 1H 222M
2200±20%
20~800
45~200
CFI 06 B 1H 332M
3300±20%
15~800
35~200
CFI 06 B 1H 472M
4700±20%
10~800
25~200
CFI 06 B 1H 682M
6800±20%
8~800
20~200
CFI 06 B 1H 103M
10000±20%
6~800
15~200
CFI 06 B 1H 153M
15000±20%
5~800
10~200
CFI 06 B 1H 223M
22000±20%
4~800
9~200
CFI 06 B 1H 333M
33000±20%
3~800
7~200
CFI 06 B 1H 473M
47000±20%
2~800
3~200
CFI 06 B 1H 104M
100000±20%
1~800
3~200
LC Filter
Tolerance


Similar Part No. - CFI06B1H331M

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CFIII APACER-CFIII Datasheet
2Mb / 4P
   The Industrial CFIII cards
logo
Alpha Wire
CFITCRIMPV4 ALPHAWIRE-CFITCRIMPV4 Datasheet
43Kb / 2P
   CUSTOMER SPECIFICATION
11/28/2008
More results

Similar Description - CFI06B1H331M

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
HDL2010 SHOULDER-HDL2010 Datasheet
251Kb / 8P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
HDL2120 SHOULDER-HDL2120 Datasheet
216Kb / 7P
   LC FILTER
logo
Integrated Technology F...
IFL00736 ITF-IFL00736 Datasheet
138Kb / 4P
   LC bandpass filter
IFL01187 ITF-IFL01187 Datasheet
119Kb / 3P
   LC bandpass filter
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
LF9141R MTRONPTI-LF9141R Datasheet
166Kb / 1P
   Bandpass LC Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com