Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110VU0160001 Datasheet(PDF) 1 Page - ETRI

Part # 110VU0160001
Description  400 Hz Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

110VU0160001 Datasheet(HTML) 1 Page - ETRI

  110VU0160001 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
400 Hz Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
L-10 LIFE AT 40°C:
35 000 hours
Additional versions:
Salt spray protected - Shock and vibration protected - Marine specifications
Wide temperature range
Life expectancy
Approvals
Part Number
Nominal
voltage
Airflow
Nominal speed
Input power
Noise
level
Phases
Capacitor
(not included)
110VU0162001
15
22,5
43
3300
1
0,47
14
130
140
-10
70
110VU0160001
200
22,5
43
3300
1
0,15
14
75
80
-10
70
V
l/s
dB(A)
RPM
F
W
mA
mA
Min.°C
Max.°C
µ
Nominal
Current
Starting
Current
Operating temperature
NATO codification
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
110VU
88x88x25mm
400 Hz Motor
Housing material: aluminium
Impeller material: plastic
Weight: 200 g
Bearing system: ball bearings
Connection: flying leads
Electrical protection: impedance protected
110VU
3,464’’ x
84’’
3,464’’ x 0,9


Similar Part No. - 110VU0160001

ManufacturerPart #DatasheetDescription
logo
ETRI
110VU0160001 ETRI-110VU0160001 Datasheet
229Kb / 1P
   400 Hz Fans
More results

Similar Description - 110VU0160001

ManufacturerPart #DatasheetDescription
logo
ETRI
106ZA0562C13 ETRI-106ZA0562C13 Datasheet
178Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13 Datasheet
172Kb / 1P
   400 Hz Fans
98XE0162001 ETRI-98XE0162001_12 Datasheet
226Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13_12 Datasheet
233Kb / 1P
   400 Hz Fans
61BE0162C13 ETRI-61BE0162C13 Datasheet
170Kb / 1P
   400 Hz Fans
125XT0162301 ETRI-125XT0162301_12 Datasheet
244Kb / 1P
   400 Hz Fans
112BC0162C13 ETRI-112BC0162C13_12 Datasheet
223Kb / 1P
   400 Hz Fans
110VU0162001 ETRI-110VU0162001_12 Datasheet
229Kb / 1P
   400 Hz Fans
86ME0162C13 ETRI-86ME0162C13_12 Datasheet
236Kb / 1P
   400 Hz Fans
80TV0562C13 ETRI-80TV0562C13_12 Datasheet
238Kb / 1P
   400 Hz Fans
106ZA0562C13 ETRI-106ZA0562C13_12 Datasheet
241Kb / 1P
   400 Hz Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com