Electronic Components Datasheet Search |
|
B32335I5086J050 Datasheet(PDF) 3 Page - EPCOS |
|
B32335I5086J050 Datasheet(HTML) 3 Page - EPCOS |
3 / 7 page Film capacitors – AC capacitors Motor run capacitors B32335 – Dual MotorCap™ Maximum ratings Maximum permissible voltage Vmax 1.1 · VR (VR= Rated voltage) Maximum permissible current Imax 1.3 · IR (IR = Rated current) Test data AC test voltage terminal to terminal VTT 2 · VR , 60 s (type test) 2 · VR , 2 s (routine test) Insulation voltage terminals to case 2000 V AC, 60 s (type test) 2000 V AC, 2 s (routine test) Insulation resistance Rins or time constant τ at 20 °C; rel. humidity ≤ 65% (minimum as-delivered values) 3000 s Dissipation factor tan δ at 20 °C ≤ 1.0 · 10-3 (120 Hz) Maximum rate of voltage rise dV/dtmax 10 V/ μs Climatic data Climatic category 25/070/21 to IEC 60068-1 Lower category Tmin –25 °C Upper category Tmax +70 °C Damp heat test ttest 21 days Mechanical and thermal properties of terminal top disk material Ball pressure test to IEC 60309-1 sec. 27.3 20 N at 125 °C UL 94 V2 compatible Glow wire test to IEC 60695-2-11 Test temp 550 °C for IR ≤ 0.5 A Test temp 850 °C for IR > 0.5 A Self-extinguishing within 30 seconds of withdrawing glow wire Tracking test to IEC 60112 solution A > 250 V Compatibility to RoHS Compliance to directive 2002/95/EC FK PC PM AC January 2008 Please read the important notes, Page 3 of 7 cautions and warnings. |
Similar Part No. - B32335I5086J050 |
|
Similar Description - B32335I5086J050 |