Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLF1608GZ151E Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CLF1608GZ151E
Description  LC FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CLF1608GZ151E Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CLF1608GZ151E Datasheet HTML 1Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
10
100
1000
3000
-80
-60
-40
-20
0
B
B
B
B
Frequency (MHz)
CLF1608GZ300E
CLF1608GZ500E
CLF1608GZ101E
CLF1608GZ151E
0.30±0.15
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions & Land pattern
CFL1608 Series
v Characteristics
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• Electric home appliances. (TV, DVD player, PC, etc)
• EMI noise is suppressed for clock signal lines.
• Noise countermeasure in graphic signal system.
2.8±0.2
(unit : mm)
• These T-type EMC filters comprise ferrite beads
and chip capacitors and are engineered to handle
high current levels.
• These LC filter exhibit excellent attenuation
characteristics
typical Insertion loss characteristics
Equivalent circuits
350 - 2500 (20db)
210 - 2500 (20db)
90 - 2500 (20db)
65 - 2500 (20db)
Typical
Attenuation
Range [MHz]
100
100
100
100
Insulation
Resistance
[MΩ]
CLF1608GZ151E
CLF1608GZ101E
CLF1608GZ500E
CLF1608GZ300E
Part Number
150
100
50
30
Cut-off
Frequency
[MHz]
1.0
1.0
1.0
1.0
DCR [Ω]
Max.
100
100
100
100
Rated Current
[mA]
Recommend land pattern
0.30±0.15
1.60±0.15
0.25±0.2
0.6±0.1
0.25±0.2
DPS-081104
CHIP LC FILTERS
In Put
Out Put
Ground


Similar Part No. - CLF1608GZ151E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF10040 TDK-CLF10040 Datasheet
132Kb / 5P
   Inductors for Power Circuits
CLF10040 TDK-CLF10040 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF10040T-100M TDK-CLF10040T-100M Datasheet
179Kb / 13P
   Inductors for Power Circuits
CLF10040T-100M TDK-CLF10040T-100M Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF10040T-100M TDK-CLF10040T-100M_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - CLF1608GZ151E

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
   LC FILTERS
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB182G45BG4D268 MURATA-LFB182G45BG4D268_17 Datasheet
181Kb / 2P
   LC Balanced Filters
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB182G45CGFD436 MURATA-LFB182G45CGFD436 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFB185G54CGLD602 MURATA-LFB185G54CGLD602 Datasheet
167Kb / 2P
   LC Filters(BPF)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com