Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32335B4090J050 Datasheet(PDF) 2 Page - EPCOS

Part # B32335B4090J050
Description  Film capacitors - AC capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335B4090J050 Datasheet(HTML) 2 Page - EPCOS

  B32335B4090J050 Datasheet HTML 1Page - EPCOS B32335B4090J050 Datasheet HTML 2Page - EPCOS B32335B4090J050 Datasheet HTML 3Page - EPCOS B32335B4090J050 Datasheet HTML 4Page - EPCOS B32335B4090J050 Datasheet HTML 5Page - EPCOS B32335B4090J050 Datasheet HTML 6Page - EPCOS B32335B4090J050 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32335 – Dual MotorCap™
Construction
Dielectric: polypropylene film
Aluminum can
Soft polyurethane resin
Features
Self-healing properties
Low dissipation factor
Overpressure disconnection device
Highest safety level P2 to IEC 60252-1 2001-02
High insulation resistance
C
UL file E 106388
Typical applications
For general sine wave applications,
mainly as motor run capacitor, air conditioner
Terminals
Double fast-on terminals: 6.3 × 0.8 mm and quadruple fast-on terminals: 6.3 × 0.8 mm
Mounting parts (optional)
Threaded stud at bottom of can (M8, max. torque = 5 Nm)
Technical data and specifications
Reference standards
IEC 60252-1 2001-02,
EN 60252 2001,
UL 810
Safety class to IEC 60252-1 2001-02
P2
Life expectancy to IEC 60252 2001
400 V:
10000 h (class B)
450 V:
3000 h (class C)
UL 810 file E 106388
for Nashik and Gravatai plant
Approved component 10000 AFC
protected
Rated capacitance CR
15+2 ... 50+8
Tolerance
±5%
Rated voltage VR
400 V AC, 450 V AC
Rated frequency fR
50 / 60 Hz
FK PC PM AC
January 2008
Please read the important notes,
Page 2 of 7
cautions and warnings.


Similar Part No. - B32335B4090J050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335B1019J050 EPCOS-B32335B1019J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32335B1019J070 EPCOS-B32335B1019J070 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32335B1020J050 EPCOS-B32335B1020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32335B1020J070 EPCOS-B32335B1020J070 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32335B1021J050 EPCOS-B32335B1021J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
More results

Similar Description - B32335B4090J050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com