Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGF4112-EPU Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGF4112-EPU
Description  12 mm Discrete HFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF4112-EPU Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGF4112-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGF4112-EPU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TriQuint Semiconductor Texas Phone: 972 994-8465
Fax 972 994-8504
Web: www.triquint.com
5
DC Characteristics for the TGF4112-EPU
DC probe Parameters
Nominal
Unit
IDSS
Drain Saturation Current
2940
mA
GM
Transconductance
1980
mS
VP
Pinch Off Voltage
-1.85
V
BVGS
Breakdown Voltage Gate-Source
-22
V
BVGD
Breakdown Voltage Gate-Drain
-22
V
0
50 0
100 0
150 0
200 0
250 0
300 0
0
1
2
3
4
5
6
7
8
9
D r a i n Vo lt age ( V )
Absolute Maximum Ratings
Drain-to-source Voltage, Vds..............................………………………………………… ..........12 V
Gate-to-source Voltage, Vgs..................………………………………………… .............-5 V to 0 V
Mounting
Temperature.................……………………………………… .… .........……………… 320°C
Storage Temperature.....................…………………………………… .… .............… -65°C to 200°C
Power Dissipation...........…………… .……………………………………… ...refer to Thermal Model
Operating Channel Temperature………………………………………… ..… .refer to Thermal Model
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in this document is not implied. Exposure to absolute maximum rated conditions for extended
periods of time may affect device reliability.
Example of DC I-V Curves
Vg = 0.0 V to -2.75 V in 0.25 steps T
A = 25°
C


Similar Part No. - TGF4112-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4118-EPU TRIQUINT-TGF4118-EPU Datasheet
152Kb / 9P
   18 mm Discrete HFET
More results

Similar Description - TGF4112-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
   24 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
221Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230_15 Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230 Datasheet
178Kb / 7P
   1.2mm Discrete HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com