Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32332B6126J080 Datasheet(PDF) 4 Page - EPCOS

Part # B32332B6126J080
Description  Film capacitors - AC capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32332B6126J080 Datasheet(HTML) 4 Page - EPCOS

  B32332B6126J080 Datasheet HTML 1Page - EPCOS B32332B6126J080 Datasheet HTML 2Page - EPCOS B32332B6126J080 Datasheet HTML 3Page - EPCOS B32332B6126J080 Datasheet HTML 4Page - EPCOS B32332B6126J080 Datasheet HTML 5Page - EPCOS B32332B6126J080 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32330/B32332 – MotorCap™
FK PC PM AC
January 2008
Compatibility to RoHS
Compliance to directive 2002/95/EC
Approvals
VDE
450 V/85 °C:
10000 h (class B)
See table for approved ratings
Approved
C
US UL 810 files E106388
See table for approved ratings
Approved Component 10000 AFC up to 450 V
Protected
Dimensional drawings B32330/B32332
KMK1156-A-E
Before Safety
Device Operation
After Safety
Device Operation
M8 for ø30-53 mm
M12 for ø63.5 mm
According to DIN 6797-A
According to DIN 934
d±1
M 8 bolt:
L = 12 mm
M 12 bolt:
L = 16 mm
A = 5 mm for diameters d = 30, 35, 40, 45 mm
A = 0 mm for diameters d = 50, 53, 63.5 mm
Please read the important notes,
Page 4 of 6
cautions and warnings.


Similar Part No. - B32332B6126J080

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32332B1106J010 EPCOS-B32332B1106J010 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
B32332B1106J030 EPCOS-B32332B1106J030 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
B32332B1106J050 EPCOS-B32332B1106J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
B32332B1126J010 EPCOS-B32332B1126J010 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
B32332B1126J030 EPCOS-B32332B1126J030 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results

Similar Description - B32332B6126J080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com