Part Name
         Description
B32328A4406J013

 Film capacitors - AC capacitors ( 8 Page)


EPCOS
100% 
Zoom Out Zoom In
   
 2 page
background image
Film capacitors – AC capacitors
Motor Run Capacitors
B32328 – MotorCap™
Construction
Dielectric: polypropylene film
Plastic can and top UL 94 V2 material
Dry type
Features
Self-healing properties
Low dissipation factor
P0 as per IEC 60252-1 2001-02
High insulation resistance
Case IP 53 protected
IEC/EN 60335-1 compatible on request
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
Twin core cable type PP 2 × 0.50 mm2, 600 V, 95 °C
Connectors on request
Mounting parts (optional)
Threaded stud at bottom of can (max. torque = 5 Nm)
Fast fixation for mounting into a hole of Ø 8 mm
Technical data and specifications
Reference standards
IEC 60252-1 2001-02 / EN 60252 2001
Safety class to IEC 60252-1 2001-02
P0
Life expectancy to IEC 60252 2001
250 V/85 °C:
10,000 h (class B)
400 V/85 °C:
10,000 h (class B)
480 V/85°C:
3,000 h (class C)
Rated capacitance CR
See dimensions table
Tolerance
±5%
Rated voltage VR
250 V, 400 V, 480 V
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1 × VR
(VR= Rated voltage)
Maximum permissible current Imax
1.3 x IR
(IR= Rated current)
FK PC PM AC
July 2007
Please read the important notes,
Page 2 of 8
cautions and warnings.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl