Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25832C4476K009 Datasheet(PDF) 3 Page - EPCOS

Part # B25832C4476K009
Description  MKV AC capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25832C4476K009 Datasheet(HTML) 3 Page - EPCOS

  B25832C4476K009 Datasheet HTML 1Page - EPCOS B25832C4476K009 Datasheet HTML 2Page - EPCOS B25832C4476K009 Datasheet HTML 3Page - EPCOS B25832C4476K009 Datasheet HTML 4Page - EPCOS B25832C4476K009 Datasheet HTML 5Page - EPCOS B25832C4476K009 Datasheet HTML 6Page - EPCOS B25832C4476K009 Datasheet HTML 7Page - EPCOS B25832C4476K009 Datasheet HTML 8Page - EPCOS B25832C4476K009 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Please read Cautions and warnings and
3
09/05
Important notes at the end of this document.
MKV AC Capacitors
General AC Applications
B25832
Technical data
Standards
IEC 1071-1/2
EN 61071-1/2
VDE 0560 part 120 and 121
Dielectric dissipation factor
tan δ0
2 · 10–4
Capacitance tolerance
± 10 %
Max. repetitive rate
of voltage rise
(dv/dt)max
Max. non-repetitive rate
of voltage rise
(dv/dt)s
Climatic data:
Min. operating temperature
Tmin
– 25 °C
Max. operating temperature
Tmax
+ 85 °C
Average relative humidity
≤ 75 %
Failure quota
αFQ(co)
1000 failures per 109 component hours
Load duration
tLD(co)
up to 30 000 h
Storage temperature limit
Tstg
– 55/+ 85 °C
IEC climatic category
(IEC 68-1 and 2)
25/085/56
Test data:
AC test voltage
between terminals
VTT
1.25 x V
R, 50 Hz, 10 s (or DC 1.75 x V
R, 10 s)
between terminals and case
VTC
2 · Vi + 1000 V, 50 Hz, 10 s
Insulating voltage Vi = max. recurrent peak
voltage
/
Insulation resistance
Rins
≤ 1 μF: ≥ 3000 MΩ
Self-discharge time constant
τ =Rins x C
> 1 μF: ≥ 3000 s
Dissipation factor
tan δ≤ 3 . 10–4
î
C
----
IS
C
----
2


Similar Part No. - B25832C4476K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832C4476K009 EPCOS-B25832C4476K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25832C4476K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com