Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25673A5162A720 Datasheet(PDF) 3 Page - EPCOS

Part # B25673A5162A720
Description  Film capacitors - Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A5162A720 Datasheet(HTML) 3 Page - EPCOS

  B25673A5162A720 Datasheet HTML 1Page - EPCOS B25673A5162A720 Datasheet HTML 2Page - EPCOS B25673A5162A720 Datasheet HTML 3Page - EPCOS B25673A5162A720 Datasheet HTML 4Page - EPCOS B25673A5162A720 Datasheet HTML 5Page - EPCOS B25673A5162A720 Datasheet HTML 6Page - EPCOS B25673A5162A720 Datasheet HTML 7Page - EPCOS B25673A5162A720 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film capacitors – Power Factor Correction
B25673A5162A720
PhaseCap Compact capacitors
MKK525-D-16.7-02
FK PC PM PFC
May 2009
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document
.
Technical data and specifications
Maximum ratings
Vmax (up to 8 h daily)
580 V AC
Vmax (up to 1 min)
680 V AC
I
max
1.7 × IR (A) (including combined effects of
harmonics, overvoltages and capacitance
tolerance)
IS
300 × IR (A)
Test data
VTT
1150 V AC / 50 Hz during 10 s
V
TC
3000 V AC / 50 Hz during 10 s
*tan δ (50 Hz)
≤ 0.5 W / kvar
* Without discharge resistor
Climatic category
–40/D
–40/C
T
min
(–)
40 ºC
40 ºC
T
max
(+)
55 ºC
50 ºC
Casing temperature
65 ºC max.
60 ºC max.
Mean life expectancy
Up to 130 000 h
Up to 180 000 h
Humidity
av. rel. < 95%
Maximum altitude
4000 m
Pmax
at
ambient
10.00
55 ºC
6.67
65 ºC
3.34
75 ºC
Maximum power loss
at
ambient
0
85 ºC
Characteristics
Rated capacitance CR
3 × 64.3 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VR
525 V AC
Rated frequency fR
50 Hz
60 Hz
Output
16.7 kvar
20.0 kvar
Rated current IR
18 A
22 A
tan δ (dielectric)
0.2 W / kvar
Label design
Maximum power loss at
ambient
B25673A5162A720
0
2
4
6
8
10
12
50
55
60
65
70
75
80
85
90
amb


Similar Part No. - B25673A5162A720

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25673A5162A720 TDK-B25673A5162A720 Datasheet
201Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25673A5162A720

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com