Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8334-SCC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA8334-SCC
Description  2 - 20 GHz Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8334-SCC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA8334-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
2
TGA8334-SCC
TYPICAL
OUTPUT POWER
P
1dB
TYPICAL
SMALL-SIGNAL
POWER GAIN
TYPICAL
RETURN LOSS


Similar Part No. - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334-SCC TRIQUINT-TGA8334-SCC Datasheet
324Kb / 12P
   2 - 20 GHz Power Amplifier
TGA8334-SCC TRIQUINT-TGA8334-SCC_15 Datasheet
324Kb / 12P
   2 - 20 GHz Power Amplifier
More results

Similar Description - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334-SCC TRIQUINT-TGA8334-SCC_15 Datasheet
324Kb / 12P
   2 - 20 GHz Power Amplifier
logo
Teledyne Technologies I...
TGM-20-2002 TELEDYNE-TGM-20-2002 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2001 TELEDYNE-TGM-20-2001 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2004 TELEDYNE-TGM-20-2004 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2003 TELEDYNE-TGM-20-2003 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
logo
Custom MMIC Design Serv...
CMD295C4 MMIC-CMD295C4 Datasheet
301Kb / 13P
   2-20 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com