Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25673A5102A020 Datasheet(PDF) 4 Page - EPCOS

Part # B25673A5102A020
Description  Film capacitors - Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A5102A020 Datasheet(HTML) 4 Page - EPCOS

  B25673A5102A020 Datasheet HTML 1Page - EPCOS B25673A5102A020 Datasheet HTML 2Page - EPCOS B25673A5102A020 Datasheet HTML 3Page - EPCOS B25673A5102A020 Datasheet HTML 4Page - EPCOS B25673A5102A020 Datasheet HTML 5Page - EPCOS B25673A5102A020 Datasheet HTML 6Page - EPCOS B25673A5102A020 Datasheet HTML 7Page - EPCOS B25673A5102A020 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Film capacitors – Power Factor Correction
B25673A5102A020
PhaseCap Compact capacitors
MKK480-D-8.3-02/MKK525-D-10-02
FK PC PM PFC
May 2009
Please read Cautions and warnings and
Page 4 of 8
Important notes at the end of this document
.
Switching voltages
Max. 10 000 switchings per year
Dimensional drawing
Terminals
Degree of protection
Isolated terminals, IP20
Max. torque
2.0 Nm
Terminal cross section
25 mm
2
Maximum terminal current
60 A
Creepage distance (min)
12.7 mm
Clearance (min)
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 1 min to 75 V or less
Reference standards
IEC 60831-1/2
Design data
Dimensions (
 × l)
100 × 162 mm
Weight approx
1.4 kg
Impregnation
Non PCB, Semi-dry biodegradable
resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position possible. See
“Maintenance and Installation
Manual” for further details.


Similar Part No. - B25673A5102A020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25673A5102A020 TDK-B25673A5102A020 Datasheet
201Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25673A5102A020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com