Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST8016S Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST8016S
Description  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST8016S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 6/26
2009/10/01
6.
FUNCTIONAL DESCRIPTION
6.1
Pin Functions
(Segment mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin
Connected to +2.5 to +5.5 V.
GND
Ground pin
LGND
Logic system power ground pin
Do not short LGND with GND and Vss by ITO on LCD panel
Connect it to GND on PCB or FPC.
VSS
Connect to GND by ITO on LCD panel.
V0L, V0R
V12L, V12R
V43L, V43R
Bias power supply pins for LCD drive voltage
Normally use the bias voltages set by a resistor divider
Ensure that voltages are set such that VSS < V43 < V12 < V0.
ViL and ViR (i = 0,12, 43) must connect to an external power supply, and supply regular
voltage which is assigned by specification for each power pin
DI7-DI0
Input pins for display data
In 4-bit parallel mode, DI3-DI0 are the display data input pins, and DI7-DI4 must be
connected to LGND or VDD.
In 8-bit parallel mode, All DI7-Dl0 pins are the display data input pins.
Refer to section 6.2.2.
XCK
Clock input pin for taking display data
Data is read at the falling edge of the clock pulse.
LP
Latch pulse input pin for display data
Data is latched at the falling edge of the clock pulse.
L/R
Input pin for selecting the reading direction of display data
When set to LGND level "L", data is read sequentially from Y160 to Y1.
When set to VDD level "H", data is read sequentially from Y1 to Y160.
Refer to section 6.2.2.
/DISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
When set to LGND level "L", the LCD drive output pins (Y1-Y160) are set to level Vss.
When set to "L", the contents of the line latch are reset, but the display data are read in
the
data latch regardless of the condition of /DISPOFF. When the /DISPOFF function is
canceled
the driver outputs non-select level (V12 or V43), then outputs the contents of the data
latch at the next falling edge of the LP. At that time, if /DISPOFF removal time does not
correspond to what is shown in AC characteristics, it cannot output the reading data
correctly.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Normally it inputs a frame inversion signal.
The LCD drive output pins' output voltage levels can be set using the line latch output
signal and the FR signal.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
MD
Mode selection pin
When set to LGND level "L", 4-bit parallel input mode is set.
When set to VDD level "H", 8-bit parallel input mode is set.
Refer to section 6.2.2.
S/C
Segment mode/common mode selection pin
When set to VDD level "H", segment mode is set.
ElO1, EIO2
Input/output pins for chip selection
When L/R input is at LGND level "L", ElO1 is set for output, and EIO2 is set for input.


Similar Part No. - ST8016S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Similar Description - ST8016S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com