Part Name
Included
start with
end
match
Description
TGA8061
.1 - 3.5 GHz Low Noise Amplifier ( 7 Page)
TRIQUINT
100%
2 page
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
2
TGA8061-SCC
Html Pages
1
2
3
4
5
6
7
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
WHM2535-12AE
2.5
-
3.5
GHz
LOW
NOISE
AMPLIFIER
WHM2535-12AE
1
2
3
4
5
List of Unclassifed Manufacturers
HMC392
GaAs
MMIC
LOW
NOISE
AMPLIFIER
3.5
-
7.0
GHz
1
2
3
4
5
More
Hittite Microwave Corporation
MAAM37000-A1
L
ow
Noise
GaAs
MMIC
Amplifier
3.5
-
7
GHz
1
2
Tyco Electronics
MRFIC1814
1.8
GHz
LOW
NOISE
AMPLIFIER
AND
DOWNMIXER
1
2
3
4
Motorola, Inc
MA01502D
Limiter/Low
Noise
Amplifier
Die
Preliminary
Release
8.5
-
12.0
GHz
1
2
3
4
5
Tyco Electronics
MAAM12032
Low
Noise
Amplifier
1.7
-
2.0
GHz
1
2
3
Tyco Electronics
BGB540LNA
BGB540
as
a
1.85
GHz
Low
Noise
Amplifier
1
2
3
4
5
More
Infineon Technologies AG
HMC320MS8G
GaAs
MMIC
LOW
NOISE
AMPLIFIER
5.0
-
6.0
GHz
1
2
3
4
5
More
Hittite Microwave Corporation
HMC462LP5
GaAs
PHEMT
MMIC
LOW
NOISE
AMPLIFIER
2.0
-
20.0
GHz
1
2
3
4
5
More
Hittite Microwave Corporation
TLA-18-6007
Low
Noise
Amplifier
6
GHz
-
18
GHz
1
2
Teledyne Technologies Incorporated
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl