Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8035-SCC Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA8035-SCC
Description  Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8035-SCC Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA8035-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8035-SCC Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TGA8035-SCC
4
TYPICAL S-PARAMETERS
Frequency
S
11
S
21
S
12
22
GAIN
(GHz)
MAG
ANG(° )
S
MAG
ANG(° )
MAG
ANG(° )
MAG
ANG(° )
(dB)
5.0
0.54
75
2.34
55
0.013
109
0.59
73
7.4
5.5
0.35
71
3.49
9
0.018
77
0.47
61
10.9
6.0
0.31
75
4.33
-34
0.021
46
0.39
49
12.7
6.5
0.31
62
4.89
-73
0.022
15
0.33
33
13.8
7.0
0.28
34
5.16
-108
0.022
-15
0.28
14
14.2
7.5
0.24
-7
5.28
-141
0.021
-44
0.25
-7
14.5
8.0
0.25
- 53
5.27
-172
0.021
-75
0.24
- 31
14.4
8.5
0.30
-91
5.05
161
0.020
-102
0.26
- 52
14.1
9.0
0.37
-117
4.92
136
0.019
-124
0.30
- 71
13.8
9.5
0.42
-138
4.82
112
0.021
-144
0.34
- 88
13.7
10.0
0.46
-154
4.71
90
0.021
-164
0.38
-102
13.5
10.5
0.48
-168
4.68
69
0.020
177
0.42
-115
13.4
11.0
0.48
178
4.73
48
0.020
174
0.43
-125
13.5
11.5
0.46
166
4.91
27
0.021
161
0.45
-134
13.8
12.0
0.43
153
5.13
5
0.021
151
0.46
-144
14.2
12.5
0.38
140
5.28
-18
0.021
141
0.45
-154
14.5
13.0
0.33
129
5.42
-41
0.021
132
0.43
-164
14.7
13.5
0.27
123
5.52
-64
0.021
120
0.41
-173
14.8
14.0
0.25
118
5.68
-89
0.020
109
0.39
178
15.1
14.5
0.24
112
5.61
-113
0.017
97
0.38
167
15.0
15.0
0.24
100
5.59
-138
0.013
96
0.35
154
14.9
15.5
0.22
89
5.40
-163
0.014
94
0.32
143
14.6
16.0
0.21
81
5.10
174
0.015
80
0.31
136
14.1
16.5
0.24
67
5.05
153
0.012
47
0.33
123
14.1
17.0
0.24
46
5.12
129
0.007
44
0.32
114
14.2
17.5
0.23
27
5.06
103
0.010
28
0.34
108
14.1
18.0
0.28
-4
5.27
78
0.005
-38
0.35
93
14.4
18.5
0.35
-48
5.49
46
0.007
-17
0.33
83
14.8
19.0
0.41
-92
4.91
9
0.012
-85
0.29
73
13.8
19.5
0.53
I
D1 = 50% I DSS1,
I
D2 = 50% I DSS2,
V
D1,
V
D2 = 5 V,
T
A = 25°C
Reference planes for S-parameter data include bond wires as specified in the “Recommended Assembly
Diagram.”
20.0
0.68
-149
-122
4.01
3.37
-23
-55
0.012
0.008
-152
156
0.19
0.18
75
100
12.1
10.5
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGA8035-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
More results

Similar Description - TGA8035-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8300 TRIQUINT-TGA8300 Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8161 TRIQUINT-TGA8161 Datasheet
562Kb / 7P
   Gain Block Amplifier
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
HMC3587LP3BE AD-HMC3587LP3BE Datasheet
336Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
logo
TriQuint Semiconductor
TGA8226 TRIQUINT-TGA8226 Datasheet
650Kb / 8P
   2 - 6 GHz Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com