Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7626 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
ST7626
Ver 1.5
8/94
2007/01/20
PIN Name
PAD
No. CSEL=0 CSEL=1
X
Y
347
RW_WR
-2525.3 -575.35
348
D0
-2415.3 -575.35
349
D1
-2305.3 -575.35
350
D2
-2195.3 -575.35
351
D3
-2085.3 -575.35
352
D4
-1975.3 -575.35
353
D5
-1865.3 -575.35
354
D6
-1755.3 -575.35
355
D7
-1645.3 -575.35
356
D8
-1535.3 -575.35
357
D9
-1425.3 -575.35
358
D10
-1315.3 -575.35
359
D11
-1205.3 -575.35
360
D12
-1095.3 -575.35
361
D13
-985.3 -575.35
362
D14
-875.3 -575.35
363
D15
-765.3 -575.35
364
VSS
-655.3 -575.35
365
VDD
-545.3 -575.35
366
E_RD
-435.3 -575.35
367
RST
-325.3 -575.35
368
CSEL
-215.3 -575.35
369
IF1
-105.3 -575.35
370
IF2
4.7
-575.35
371
IF3
114.7
-575.35
372
VSS
224.7
-575.35
373
VDD
334.7
-575.35
374
SI
444.7
-575.35
375
SCL
554.7
-575.35
376
/CS
664.7
-575.35
377
VDD
774.7
-575.35
378
VDD
884.7
-575.35
379
VDD1
994.7
-575.35
380
VSS1
1104.7 -575.35
381
VSS
1214.7 -575.35
PIN Name
PAD
No. CSEL=0 CSEL=1
X
Y
382
VSS
1324.7 -575.35
383
VSS
1434.7 -575.35
384
VSS2
1544.7 -575.35
385
VSS2
1654.7 -575.35
386
VSS2
1764.7 -575.35
387
VSS2
1874.7 -575.35
388
VSS2
1984.7 -575.35
389
VSS2
2094.7 -575.35
390
VSS2
2204.7 -575.35
391
VSS2
2314.7 -575.35
392
VSS4
2424.7 -575.35
393
VDD4
2534.7 -575.35
394
VDD3
2644.7 -575.35
395
VDD2
2754.7 -575.35
396
VDD2
2864.7 -575.35
397
VDD2
2974.7 -575.35
398
VDD2
3084.7 -575.35
399
VDD2
3194.7 -575.35
400
VDD5
3304.7 -575.35
401
VDD5
3414.7 -575.35
402
VDD5
3524.7 -575.35
403
TCAP
3634.7 -575.35
404
VLCDIN
3744.7 -575.35
405
VLCDIN
3854.7 -575.35
406
VLCDIN
3964.7 -575.35
407
VLCDIN
4074.7 -575.35
408
VLCDIN
4184.7 -575.35
409
VLCDIN
4294.7 -575.35
410
VLCDOUT
4404.7 -575.35
411
VLCDOUT
4514.7 -575.35
412
COM[0] COM[0] 4727.7 -553.35
413
COM[1] COM[2] 4727.7 -522.35
414
COM[2] COM[4] 4727.7 -491.35
415
COM[3] COM[6] 4727.7 -460.35
416
COM[4] COM[8] 4727.7 -429.35


Similar Part No. - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com