Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7573 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7573
Description  132 x 33 Dot Matrix LCD Controller/Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7573 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7573 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ST7573
Ver 1.0b
11/46
2007/07/12
7. FUNCTIONS DESCRIPTION
MICROPROCESSOR INTERFACE
Chip Select Input
The CSB pin is used for chip selection. ST7573 can interface with an MPU when CSB is "L". When CSB is “H”, the control
pins (A0, /RD and /WR) are disabled and D0 to D7 are set to be high impedance. If using serial interface, the internal shift
register and the counter are reset when CSB=”H”.
Parallel / Serial Interface
ST7573 has five types of interface to communicate with an MPU, which are three serial and two parallel interfaces. The
parallel or serial interface is determined by PS[2:0] pin as shown below.
Table 1
Parallel/Serial Interface Selection
PS2
PS1
PS0
CSB
A0
State
“L”
“L”
“L”
CSB
A0
4 Pin-SPI MPU interface
“H”
“L”
“L”
CSB
"H"
3 Pin-SPI MPU interface
“L”
“H”
“L”
CSB
A0
8080-series parallel MPU interface
“H”
“H”
“L”
CSB
A0
6800-series parallel MPU interface
Parallel Interface
The 8-bit bi-directional data bus is used in parallel interface and the type of MPU is selected by PS[2:0] as shown in Table 2.
The type of data transfer is determined by A0, ERD and RWR as shown in Table 3.
Table 2
Microprocessor Selection for Parallel Interface
PS2
PS1
PS0
CSB
A0
ERD
RWR
DB0 to DB7
MPU bus
H
H
L
CSB
A0
E
R/W
DB0 to DB7
6800-series
L
H
L
CSB
A0
/RD
/WR
DB0 to DB7
8080-series
Table 3
Parallel Data Transfer
Common
6800-series
8080-series
A0
E
(/RD)
R/W
(/WR)
/RD
(E)
/WR
(R/W)
Description
H
H
H
L
H
Display data read out
H
H
L
H
L
Display data write
L
H
H
L
H
Register status read
L
H
L
H
L
Writes to internal register (instruction)
NOTE: When ERD pin is always pulled high in 6800-series interface, the CSB can be used as enable signal. In this case,
interface data is latched at the rising edge of CSB and the access type is determined by A0, RWR as 6800-series mode.
Serial Interface
ST7573 supports 3 kinds of serial interface and the type is selected by PS2~PS0 as shown below.
Serial Mode
PS2
PS1
PS0
CSB
A0
4-line SPI interface
L
L
L
CSB
A0
3-line SPI interface
H
L
L
CSB
Not Used
Fix to “H”


Similar Part No. - ST7573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
   S-FSK power line networking system-on-chip
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
   S-FSK power line networking system-on-chip
logo
Sitronix Technology Co....
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
   66 x 102 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7573

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
   132 x 39 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
   81 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com