Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6835A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E6835A
Description  TD-SCDMA Calibration Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E6835A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E6835A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E6835A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E6835A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E6835A Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Error vector magnitude (EVM) measurement
This measurement calculates composite EVM and several other
results relating to UE modulation quality.
Input level range
Average power
–25 to +28 dBm/1.28 MHz
UE ranges
EVM
≤ 20% rms
Frequency error
< ±20 kHz
Timing error
< ±25 chips
EVM measurement accuracy
(Includes residual EVM)
< ±2.5% rms
Filter
1.28 MHz (RRC)
Measurement results
EVM, magnitude error, phase
error, origin offset
Frequency error measurement
This measurement measures the difference between the carrier
frequency transmitted from the UE and the expected frequency.
The UE uses the same frequency source for both RF frequency
generation and the chip clock.
Input level range
Average power
–25 to +28 dBm/1.28 MHz
UE ranges
EVM
≤ 20% rms
Frequency error
< ±20 kHz
Timing error
< ±25 chips
Measurement accuracy
< (±10 Hz + timebase accuracy)
Filter
1.28 MHz (RRC)
Measurement results
Frequency error
Peak code domain error (PCDE) measurement
This measurement is computed by projecting power of the
error vector onto the code domain at a specific spreading
factor. The code domain error for every code in the domain
is defined as the ratio of the mean power of the projection
onto that code, to the mean power of the composite reference
waveform. This ratio is expressed in dB. The PCDE is defined
as the maximum value for the code domain error for all codes.
Input level range
Average power
–25 to +28 dBm/1.28 MHz
UE ranges
EVM
≤ 20% rms
Frequency error
< ±20 kHz
Timing error
< ±25 chips
Measurement accuracy
< ±0.3 dB
Filter
1.28 MHz (RRC)
Measurement results
Maximum value of CDE
Dynamic Power Measurement
This measurement provides a fast and flexible method for
calibrating the power accuracy of a wireless device by providing
multiple Tx power measurements at a single frequency. It tracks
and reports the power result for each step. To take advantage
of this measurement capability, the wireless device must have
a test mode that outputs an appropriate power ramp at each
frequency with the expected number of steps and dwell time
at each step (step length).
Input level range
Average power
–65 to +28 dBm/1.28 MHz
Amplitude capture range
With 7 dB crest factor
< ±2 dB of expected power
Measurement accuracy1
+2 to –42 dB of expected power
–54 to +28 dBm/1.28 MHz
< ±0.6 dB, typically < ±0.3 dB
–61 to < –54 dBm/1.28 MHz < ±0.7 dB, typically < ±0.4 dB
+2 to –42 dB of expected power
With < 48 hours warm-up before self alignment initiated
–54 to +28 dBm/1.28 MHz
< ±0.7 dB, typically < ±0.3 dB
–61 to < –54 dBm/1.28 MHz < ±0.8 dB, typically < ±0.4 dB
Measurement repeatability
Typically < ±0.05 dB
Trigger setup
Sources
External, fall, rise
Step Length and Number of Steps parameters are coupled to
the setting of the Filter:
Filter
Step length (SL)
Number of steps
1 kHz
0.5 to 180 ms
1 to (1048000/(21973 x SL))
30 kHz
0.25 to 180 ms
1 to (1048000/(60e3 x SL))
100 kHz
0.1 to 20 ms
1 to (1048000/(250e3 x SL))
300 kHz
0.1 to 20 ms
1 to (1048000/(600e3 x SL))
640 kHz
0.1 to 20 ms
1 to (1048000/(1.28e6 x SL))
1.23 MHz
0.1 to 20 ms
1 to (1048000/(2.46e6 x SL))
1.28 MHz
0.1 to 20 ms
1 to (1048000/(2.56e6 x SL))
1.6 MHz
0.1 to 20 ms
1 to (1048000/(3.2e6 x SL))
3.84 MHz
0.1 to 20 ms
0.1 to (1048000/(7.68e6 x SL))
5.0 MHz
0.1 to 20 ms
0.1 to (1048000/(10e6 x SL))
8PSK estimated
carrier power
0.575 to 20 ms
1 to 1047800/(1.0833e6 x SL)
GSM Tx power
0.1 to 20 ms
1 to (1048000/(320e3 x SL))
W-CDMA
mean power)
0.1 to 20 ms
1 to (1048000/(5.25e6 x SL))
Measurement result
A graph displaying the discrete power at each power step along
with numeric power results for each step
1. Additional accuracy error when using RF OUT ONLY port is < ±0.1 dB.


Similar Part No. - E6835A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E6832A HP-E6832A Datasheet
222Kb / 6P
   W-CDMA Calibration Application
logo
Tyco Electronics
E68330-000 MACOM-E68330-000 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
More results

Similar Description - E6835A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
   TD-SCDMA
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
   TD-SCDMA Compliant
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
   M9079A TD-SCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
   TD-SCDMA Power Amplifier
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886_09 Datasheet
380Kb / 14P
   TD-SCDMA Power Amplifier
logo
Maxim Integrated Produc...
AN611 MAXIM-AN611 Datasheet
37Kb / 3P
   TD-SCDMA Radio Chipset Block Diagram for Handset Application
Jun 01, 2001
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com