Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6651A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # E6651A
Description  Mobile WiMAX test set
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E6651A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  E6651A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 6Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 7Page - Agilent(Hewlett-Packard) E6651A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
E6651A Features
Mobile WiMAX Radio (PHY)
Measurements
MS receiver (DL) test
MS transmitter (UL) test
Mobile WiMAX MAC Test
Items
IEEE 802.16e OFDMA Mobile WiMAX mobile station (MS) tester
Real-time Mobile WiMAX downlink (DL) signal modulation
Real-time Mobile WiMAX uplink (UL) demodulation
Base station emulation with MAC, protocol stack
MS and BS-initiated handover support for functional test
Sleep and idle mode support for testing battery life of device
PKMv2 encryption and pass-through support to FreeRADIUS AAA server for security testing
TDD synchronization (auto-switching) for UL and DL
Settable IDs for cell, segment DL PUSC, DL FUSC, DL AMC 2x3, UL PUSC
MIMO options for Wave 2 device test
End-to end IP connection with >10Mbps data throughput (UDP transport) for real-time
functional application test (using E6655A WiMAX lab application)
RF simulation in base-station emulation mode, or with MS set to receive only
Settable frequency, power and modulation schemes
Additive white Gaussian noise (AWGN) generator
Reporting of PER, RSSI, CINR, ECINR, Tx Power (if available on MS UL)
Receiver sensitivity testing using ping or user datagram protocol (UDP) with variable modulation
format, coding and payload size
Additional RF source available for MIMO MS receiver test
HARQ mode testing supports ACK/NACK detection with settable modulation format, payload size,
number of sub-bursts and number of retransmission attempts.
RF analysis in base-station emulation mode, or with MS set to transmit only
Spectrum measurements with adjustable frequency, span, channel bandwidth, and resolution
bandwidth
Modulation measurement displaying OFDM I/Q constellation and EVM (BPSK, QPSK, 16QAM)
Power versus time
Sub-carrier power flatness
E6651A measurement display
Network entry procedure, including ranging, registration, service flow establishment
MS MAC layer verification and performance test
Power control, power adjust
Map scheduling flexibility, including support for normal and compressed MAP modes
Neighbor cell advertisement
UL MAP display


Similar Part No. - E6651A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
More results

Similar Description - E6651A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
   Signal Studio for Mobile WiMAX?
logo
MERITEK ELECTRONICS COR...
MOC MERITEK-MOC Datasheet
63Kb / 1P
   Applications: Wired Network, Automotive, Mobile Communication, WiMAX, WLAN, Mobile
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
   Ramp Test Set
logo
Rosenberger Hochfrequen...
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com