Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6833A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # E6833A
Description  Wireless Communications Test Set
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E6833A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  E6833A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E6833A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E6833A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E6833A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E6833A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E6833A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Fast Device Tune Measurement
Measurement method
Allows simultaneous calibration
of a device’s transmitter output
power and receiver input level
across level and frequency in a
single sweep (per frequency
band). The device must operate
in a test mode, which forces it
to transmit a predefined series
of power steps at various
reverse link frequencies, and
simultaneously tune its receiver
to perform measurements (such
as RSSI) of the test set’s signal
at various forward link
frequencies and power levels
Measurement range
–65 dBm/1.23 MHz to
+28 dBm/1.23 MHz
Measurement interval
1.25 ms
Measurement filter
1.23 MHz brick wall
Step size range
5 to 20 ms
Trigger sources
Immediate and RF rise
Output level setting (to be within 0.1 dB of the final power level)
Amplitude switch
< 1 ms, typically < 250 µs
Frequency switch
< 1 ms, typically < 500 µs
within band
Measurement accuracy1 (within 45 dB of expected power with
< 48 hours warm-up before self alignment initiation)
–54 to +28 dBm/1.23 MHz
< ±0.75 dB, typically < ±0.3 dB
–61 to < –55 dBm/1.23 MHz < ±0.85 dB, typically < ±0.3 dB
RF source output level range
RF in/out port
–115 dBm/1.23 MHz to
–15 dBm/1.23 MHz
RF out only port
–115 dBm/1.23 MHz to
–5 dBm/1.23 MHz
Composite absolute output level accuracy (< ±10 °C and
< 24 hours from the last alignment, –108 to –15 dBm/1.23 MHz)
RF in/out port
< ±1.0 dB, typically ±0.65 dB
RF out only port
< ±1.0 dB, typically ±0.65 dB
RF output level settling
< 1 ms to be within 0.1 dB of the
final value
1. Additional accuracy error when using RF OUT ONLY port is < ±0.1 dB.


Similar Part No. - E6833A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E68330-000 MACOM-E68330-000 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - E6833A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
E7523A KEYSIGHT-E7523A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
V9064B KEYSIGHT-V9064B Datasheet
3Mb / 23P
   EXM Wireless Test Set
E7529A KEYSIGHT-E7529A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7521A KEYSIGHT-E7521A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7530A KEYSIGHT-E7530A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com