Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8201A Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # N8201A
Description  Synthetic Instrument Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N8201A Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button N8201A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 8Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 9Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 10Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 11Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 12Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 13Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 14Page - Agilent(Hewlett-Packard) N8201A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
–8.00
2.00
8.00
12.00
3000
8000
13000
23000
Frequency (MHz)
7.5 MHz
21.4 MHz
321.4 MHz
Preamp off
unpreselected (Option 123)
–4.00
0.00
6.00
18000
–2.00
–6.00
4.00
10.00
17.00
27.00
31.00
35.00
3000
8000
13000
23000
Frequency (MHz)
7.5 MHz
21.4 MHz
321.4 MHz
Preamp on (Option 110)
unpreselected (Option 123)
21.00
25.00
29.00
18000
23.00
19.00
33.00
(4f)
(4g)
Figure 4, continued. Conversion gain curves (nominal)


Similar Part No. - N8201A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8201A HP-N8201A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8201A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
STI1000 AEROFLEX-STI1000 Datasheet
209Kb / 4P
   Synthetic Test Systems
logo
Japan Aviation Electron...
031-50722-002 JAE-031-50722-002 Datasheet
75Kb / 1P
   CLIP - SYNTHETIC RESIN
031-50600-002 JAE-031-50600-002 Datasheet
77Kb / 1P
   CLIP - SYNTHETIC RESIN
FO-EX-LCAD2 JAE-FO-EX-LCAD2 Datasheet
115Kb / 1P
   FRONT HOUSING SYNTHETIC RESIN
FO-EX-SCAD1-001 JAE-FO-EX-SCAD1-001 Datasheet
126Kb / 1P
   FRONT HOUSING SYNTHETIC RESIN
FO-FC-FS-PBS-R JAE-FO-FC-FS-PBS-R Datasheet
119Kb / 1P
   SHELL ZDC, NAIL PLATE SYNTHETIC RESIN
FO-LC-A2-STD JAE-FO-LC-A2-STD Datasheet
101Kb / 1P
   LC HOUSING SYNTHETIC RESIN
FO-EX-2LCBD1 JAE-FO-EX-2LCBD1 Datasheet
115Kb / 1P
   FRONT HOUSING SYNTHETIC RESIN
DD2P040MA1 JAE-DD2P040MA1 Datasheet
189Kb / 1P
   FRONT INSULATOR SYNTHETIC RESIN
JL05-6A36-74PCW-FO-R JAE-JL05-6A36-74PCW-FO-R Datasheet
257Kb / 1P
   PLUG, COVER INSULATOR SYNTHETIC RESIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com