Part Name
         Description
N5181A

 Fast switching speeds ( 22 Page)


HP
100% 
Zoom Out Zoom In
 6 page
background image
6
Output power 1
Minimum output power
–110 dBm
with Option 1EQ 2
–127 dBm
Maximum output power
Range
Standard 3
Option 1EA
100 kHz to 250 kHz
+13 dBm
+15 dBm
> 250 kHz to 50 MHz
+13 dBm
+15 dBm
> 50 MHz to 3.0 GHz
+13 dBm
+23 dBm
> 3.0 GHz to 5.0 GHz
+13 dBm
+17 dBm
> 5.0 GHz
+11 dBm
+16 dBm
Resolution
0.01 dB (nom)
Step attenuator
0 to 130 dB in 5 dB steps, electronic type
Connector
50 Ω (nom)
SWR 4
≤ 1.7 GHz
1.4:1 (typ)
> 1.7 to 3 GHz
1.55:1 (typ)
> 3 to 4 GHz
1.7:1 (typ)
> 4 to 6 GHz
1.6:1 (typ)
Maximum reverse power
Max DC voltage
50 VDC (nom)
100 kHz to 6 GHz
2 W (nom)
1.
Quoted specifications between 20 and 30 °C. Maximum output power typically decreases by
0.04 dB/ °C for temperatures outside this range.
2.
Settable to –144 dBm with option 1EQ, but unspecified below –127 dBm.
3.
Specifications apply to units with serial numbers ending with 4818xxxx or greater. For units
with lower serial numbers refer to the Archive Section at end of this document.
4.
SWR values apply to units with serial numbers ending with 4818xxxx or greater. For units
with lower serial numbers refer to the Archive Section at end of this document.
Amplitude
0
5
10
15
20
25
30
0123456
Frequency (GHz)
Maximum power with Option 1EA
Maximum standard power



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl