Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25671A4042A040 Datasheet(PDF) 2 Page - EPCOS

Part # B25671A4042A040
Description  Film Capacitors - Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A4042A040 Datasheet(HTML) 2 Page - EPCOS

  B25671A4042A040 Datasheet HTML 1Page - EPCOS B25671A4042A040 Datasheet HTML 2Page - EPCOS B25671A4042A040 Datasheet HTML 3Page - EPCOS B25671A4042A040 Datasheet HTML 4Page - EPCOS B25671A4042A040 Datasheet HTML 5Page - EPCOS B25671A4042A040 Datasheet HTML 6Page - EPCOS B25671A4042A040 Datasheet HTML 7Page - EPCOS B25671A4042A040 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film Capacitors – Power Factor Correction
B25671A4042A040
PoleCap capacitor
MKP440-D-4-P
FK PC PM PFC
November 2009
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
Dielectric: Polypropylene film
Gas impregnated / dry type
Extruded round aluminum can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three-phase, delta connected
Self-healing technology
Naturally air cooled
Outdoor mounting
Ambient
Highest insulation strength for outdoor applications
(to IEC60831, 15 kV)
Terminal cover, cable gland and connection cable
made of material resistant to weather, UV radiation
and aging
Cable UV-resistant
Housing of pure aluminum (corrosion-free operation)
Double housing of terminals for protection against
hazardous parts, ingress of solid foreign bodies,
dust and harmful effects of water
Technical data and specifications
Characteristics
Rated capacitance CR
3 • 22.0 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VR
440 V AC
Rated frequency fR
50 Hz
60 Hz
Output
4.0 kvar
4.8 kvar
Rated current IR
5.25 A
6.3 A
tan δ (dielectric)
0.2 W / kvar
Label design


Similar Part No. - B25671A4042A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25671A4042A040 TDK-B25671A4042A040 Datasheet
151Kb / 8P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B25671A4042A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com