Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7532 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7532 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
ST7532
Ver 1.8
4/85
2006/9/18
5. Pad Center Coordinates
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1
COM[28]
7917
683
39
COM[66]
6283
683
2
COM[29]
7874
683
40
COM[67]
6240
683
3
COM[30]
7831
683
41
COM[68]
6197
683
4
COM[31]
7788
683
42
COM[69]
6154
683
5
COM[32]
7745
683
43
COM[70]
6111
683
6
COM[33]
7702
683
44
COM[71]
6068
683
7
COM[34]
7659
683
45
COM[72]
6025
683
8
COM[35]
7616
683
46
COM[73]
5982
683
9
COM[36]
7573
683
47
COM[74]
5939
683
10
COM[37]
7532
683
48
COM[75]
5896
683
11
COM[38]
7487
683
49
COM[76]
5853
683
12
COM[39]
7444
683
50
COM[77]
5810
683
13
COM[40]
7401
683
51
COM[78]
5767
683
14
COM[41]
7358
683
52
COM[79]
5724
683
15
COM[42]
7315
683
53
(NC)
5526
683
16
COM[43]
7272
683
54
(NC)
5482
683
17
COM[44]
7229
683
55
SEG[255]
5440
683
18
COM[45]
7186
683
56
SEG[254]
5396
683
19
COM[46]
7143
683
57
SEG[253]
5354
683
20
COM[47]
7100
683
58
SEG[252]
5310
683
21
COM[48]
7057
683
59
SEG[251]
5268
683
22
COM[49]
7014
683
60
SEG[250]
5224
683
23
COM[50]
6971
683
61
SEG[249]
5182
683
24
COM[51]
6928
683
62
SEG[248]
5138
683
25
COM[52]
6885
683
63
SEG[247]
5096
683
26
COM[53]
6842
683
64
SEG[246]
5052
683
27
COM[54]
6799
683
65
SEG[245]
5010
683
28
COM[55]
6756
683
66
SEG[244]
4966
683
29
COM[56]
6713
683
67
SEG[243]
4924
683
30
COM[57]
6670
683
68
SEG[242]
4880
683
31
COM[58]
6627
683
69
SEG[241]
4838
683
32
COM[59]
6584
683
70
SEG[240]
4794
683
33
COM[60]
6541
683
71
SEG[239]
4752
683
34
COM[61]
6498
683
72
SEG[238]
4708
683
35
COM[62]
6455
683
73
SEG[237]
4666
683
36
COM[63]
6412
683
74
SEG[236]
4622
683
37
COM[64]
6369
683
75
SEG[235]
4580
683
38
COM[65]
6326
683
76
SEG[234]
4536
683


Similar Part No. - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
More results

Similar Description - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com